Electronic Components Datasheet Search
  English  ▼

X  

AD9246 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9246 Datasheet HTML 16Page - Analog Devices AD9246 Datasheet HTML 17Page - Analog Devices AD9246 Datasheet HTML 18Page - Analog Devices AD9246 Datasheet HTML 19Page - Analog Devices AD9246 Datasheet HTML 20Page - Analog Devices AD9246 Datasheet HTML 21Page - Analog Devices AD9246 Datasheet HTML 22Page - Analog Devices AD9246 Datasheet HTML 23Page - Analog Devices AD9246 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
AD9246
Rev. A | Page 19 of 44
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2812
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
AD9246
MIN-CIRCUITS
ADT1–1WT, 1:1Z
XFMR
Figure 46. Transformer Coupled Differential Clock
If a low jitter clock source is not available, another option is to
ac-couple a differential PECL signal to the sample clock input
pins, as shown in Figure 47. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515 family of clock drivers offers excel-
lent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
AD951x
PECL DRIVER
50Ω1
50Ω1
CLK
CLK
150Ω RESISTORS ARE OPTIONAL
CLK–
CLK+
ADC
AD9246
CLOCK
INPUT
CLOCK
INPUT
Figure 47. Differential PECL Sample Clock
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 48. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515 family of clock
drivers offers excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50Ω1
AD951x
LVDS DRIVER
50Ω1
CLK
CLK
150Ω RESISTORS ARE OPTIONAL
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD9246
Figure 48. Differential LVDS Sample Clock
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
directly drive CLK+ from a CMOS gate, while bypassing the
CLK− pin to ground using a 0.1 μF capacitor in parallel with a
39 kΩ resistor (see Figure 49). CLK+ may be directly driven
from a CMOS gate. This input is designed to withstand input
voltages up to 3.6 V, making the selection of the drive logic
voltage very flexible. When driving CLK+ with a 1.8 V CMOS
signal, biasing the CLK− pin with a 0.1 μF capacitor in parallel
with a 39 kΩ resistor (see Figure 49) is required. The 39 kΩ
resistor is not required when driving CLK+ with a 3.3 V CMOS
signal (see Figure 50).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
39kΩ
AD951x
CMOS DRIVER
50Ω1
150Ω RESISTOR IS OPTIONAL
CLK–
CLK+
ADC
AD9246
VCC
1kΩ
1kΩ
CLOCK
INPUT
Figure 49. Single-Ended 1.8 V CMOS Sample Clock
150Ω RESISTOR IS OPTIONAL
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
VCC
AD951x
CMOS DRIVER
50Ω1
CLK–
CLK+
ADC
AD9246
1kΩ
1kΩ
CLOCK
INPUT
Figure 50. Single-Ended 3.3 V CMOS Sample Clock
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic
performance characteristics.
The AD9246 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling, or falling edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows a wide range
of clock input duty cycles without affecting the performance of
the AD9246. Noise and distortion performance are nearly flat
for a wide range of duty cycles when the DCS is on, as shown in
Figure 31.
Jitter in the rising edge of the input is still of paramount
concern and is not reduced by the internal stabilization circuit.
The duty cycle control loop does not function for clock rates
less than 20 MHz nominally. The loop has a time constant
associated with it that needs to be considered in applications
where the clock rate can change dynamically. This requires a
wait time of 1.5 μs to 5 μs after a dynamic clock frequency
increase (or decrease) before the DCS loop is relocked to the
input signal. During the time period the loop is not locked, the
DCS loop is bypassed, and the internal device timing is
dependent on the duty cycle of the input clock signal. In such
an application, it may be appropriate to disable the duty cycle
stabilizer. In all other applications, enabling the DCS circuit is
recommended to maximize ac performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com