Electronic Components Datasheet Search
  English  ▼

X  

AD9246 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9246 Datasheet HTML 14Page - Analog Devices AD9246 Datasheet HTML 15Page - Analog Devices AD9246 Datasheet HTML 16Page - Analog Devices AD9246 Datasheet HTML 17Page - Analog Devices AD9246 Datasheet HTML 18Page - Analog Devices AD9246 Datasheet HTML 19Page - Analog Devices AD9246 Datasheet HTML 20Page - Analog Devices AD9246 Datasheet HTML 21Page - Analog Devices AD9246 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
AD9246
Rev. A | Page 17 of 44
AD9246
R
0.1µF
0.1µF
2V p-p
VIN+
VIN–
CML
C
R
0.1µF
S
0.1µF
25Ω
25Ω
S
PA
P
Figure 40. Differential Double Balun Input Configuration
AD9246
AD8352
0Ω
R
0Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
VIN+
VIN–
CML
C
0.1µF
0.1µF
16
1
2
3
4
5
11
R
0.1µF
0.1µF
10
8, 13
14
VCC
200Ω
200Ω
ANALOG INPUT
ANALOG INPUT
Figure 41. Differential Input Configuration Using the AD8352
Table 9. Reference Configuration Summary
Selected Mode
SENSE Voltage
Resulting VREF (V)
Resulting Differential
Span (V p-p)
External Reference
AVDD
N/A
2 × External Reference
Internal Fixed Reference
VREF
0.5
1.0
Programmable Reference
0.2 V to VREF
⎟
⎠
⎞
⎜
⎝
⎛ +
×
R1
R2
1
5
.
0
(see Figure 43)
2 × VREF
Internal Fixed Reference
AGND to 0.2 V
1.0
2.0
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9246.
The input range is adjustable by varying the reference voltage
applied to the AD9246, using either the internal reference or an
externally applied reference voltage. The input span of the ADC
tracks reference voltage changes linearly. The various reference
modes are summarized in the following sections. The Reference
Decoupling section describes the best practices and require-
ments for PCB layout of the reference.
Internal Reference Connection
A comparator within the AD9246 detects the potential at the
SENSE pin and configures the reference into four possible
states, as summarized in Table 9. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 42), setting VREF to 1 V.
Connecting the SENSE pin to VREF switches the reference
amplifier input to the SENSE pin, completing the loop and
providing a 0.5 V reference output.
If a resistor divider is connected external to the chip as shown
in Figure 43, the switch sets to the SENSE pin. This puts the
reference amplifier in a noninverting mode with the VREF
output defined as
⎟
⎠
⎞
⎜
⎝
⎛ +
=
R1
R2
VREF
1
5
.
0
If the SENSE pin is connected to AVDD, the reference amplifier
is disabled, and an external reference voltage can be applied to
the VREF pin (see the External Reference Operation section).
The input range of the ADC always equals twice the voltage at
the reference pin for either an internal or an external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com