Electronic Components Datasheet Search
  English  ▼

X  

AD9246 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9246 Datasheet HTML 19Page - Analog Devices AD9246 Datasheet HTML 20Page - Analog Devices AD9246 Datasheet HTML 21Page - Analog Devices AD9246 Datasheet HTML 22Page - Analog Devices AD9246 Datasheet HTML 23Page - Analog Devices AD9246 Datasheet HTML 24Page - Analog Devices AD9246 Datasheet HTML 25Page - Analog Devices AD9246 Datasheet HTML 26Page - Analog Devices AD9246 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
AD9246
Rev. A | Page 22 of 44
TIMING
The lowest typical conversion rate of the AD9246 is 10 MSPS.
At clock rates below 10 MSPS, dynamic performance can degrade.
The AD9246 provides latched data outputs with a pipeline delay
of 12 clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal.
The length of the output data lines and the loads placed on
them should be minimized to reduce transients within the
AD9246. These transients can degrade the dynamic performance
of the converter.
Data Clock Output (DCO)
The AD9246 provides a data clock output (DCO) intended for
capturing the data in an external register. The data outputs are valid
on the rising edge of DCO, unless the DCO clock polarity has
been changed via the SPI. See Figure 2 for a graphical timing
description.
Table 12. Output Data Format
Input (V)
Condition (V)
Binary Output Mode
Twos Complement Mode
Gray Code Mode
(SPI accessible)
OR
VIN+ – VIN–
< –VREF – 0.5 LSB
00 0000 0000 0000
10 0000 0000 0000
11 0000 0000 0000
1
VIN+ – VIN–
= –VREF
00 0000 0000 0000
10 0000 0000 0000
11 0000 0000 0000
0
VIN+ – VIN–
= 0
10 0000 0000 0000
00 0000 0000 0000
00 0000 0000 0000
0
VIN+ – VIN–
= +VREF – 1.0 LSB
11 1111 1111 1111
01 1111 1111 1111
10 0000 0000 0000
0
VIN+ – VIN–
> +VREF – 0.5 LSB
11 1111 1111 1111
01 1111 1111 1111
10 0000 0000 0000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com