Electronic Components Datasheet Search
  English  ▼

X  

AD9246 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9246 Datasheet HTML 13Page - Analog Devices AD9246 Datasheet HTML 14Page - Analog Devices AD9246 Datasheet HTML 15Page - Analog Devices AD9246 Datasheet HTML 16Page - Analog Devices AD9246 Datasheet HTML 17Page - Analog Devices AD9246 Datasheet HTML 18Page - Analog Devices AD9246 Datasheet HTML 19Page - Analog Devices AD9246 Datasheet HTML 20Page - Analog Devices AD9246 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
AD9246
Rev. A | Page 16 of 44
DIFFERENTIAL INPUT CONFIGURATIONS
Optimum performance is achieved by driving the AD9246 in
a differential input configuration. For baseband applications,
the AD8138 differential driver provides excellent performance
and a flexible interface to the ADC. The output common-mode
voltage of the AD8138 is easily set with the CML pin of the
AD9246 (see Figure 37), and the driver can be configured in
a Sallen-Key filter topology to provide band limiting of the
input signal.
AVDD
1V p-p
49.9Ω
523Ω
0.1µF
R
R
C
499Ω
499Ω
499Ω
AD8138
AD9246
VIN+
VIN–
CML
Figure 37. Differential Input Configuration Using the AD8138
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration (see Figure 38). The CML voltage can be
connected to the center tap of the secondary winding of the
transformer to bias the analog input.
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few MHz, and excessive signal power can cause core
saturation, which leads to distortion.
2V p-p
49.9Ω
0.1µF
R
R
C
AD9246
VIN+
VIN–
CML
Figure 38. Differential Transformer-Coupled Configuration
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD9246. For applications where
SNR is a key parameter, transformer coupling is the recom-
mended input.
For applications where SFDR is a key parameter, differential
double balun coupling is the recommended input configuration
(see Figure 40).
As an alternative to using a transformer-coupled input at
frequencies in the second Nyquist zone, the AD8352 differential
driver can be used (see Figure 41).
In any configuration, the value of the shunt capacitor, C, is
dependent on the input frequency and source impedance and
may need to be reduced or removed. Table 8 displays recom-
mended values to set the RC network. However, these values are
dependent on the input signal and should only be used as a
starting guide.
Table 8. RC Network Recommended Values
Frequency Range (MHz)
R Series (Ω) C Differential (pF)
0 to 70
33
15
70 to 200
33
5
200 to 300
15
5
>300
15
Open
Single-Ended Input Configuration
Although not recommended, it is possible to operate the
AD9246 in a single-ended input configuration, as long as the
input voltage swing is within the AVDD supply. Single-ended
operation can provide adequate performance in cost-sensitive
applications.
In this configuration, SFDR and distortion performance
degrade due to the large input common-mode swing. If the
source impedances on each input are matched, there should be
little effect on SNR performance. Figure 39 details a typical
single-ended input configuration.
1V p-p
R
R
C
49.9Ω
0.1µF
10µF
10µF
0.1µF
AVDD
1kΩ
1kΩ
1kΩ
1kΩ
AD9246
AVDD
VIN+
VIN–
Figure 39. Single-Ended Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com