Electronic Components Datasheet Search
  English  ▼

X  

AD9246 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9246
Description  1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9246 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9246 Datasheet HTML 8Page - Analog Devices AD9246 Datasheet HTML 9Page - Analog Devices AD9246 Datasheet HTML 10Page - Analog Devices AD9246 Datasheet HTML 11Page - Analog Devices AD9246 Datasheet HTML 12Page - Analog Devices AD9246 Datasheet HTML 13Page - Analog Devices AD9246 Datasheet HTML 14Page - Analog Devices AD9246 Datasheet HTML 15Page - Analog Devices AD9246 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
AD9246
Rev. A | Page 11 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V; DRVDD = 2.5 V; maximum sample rate, DCS enabled, 1 V internal reference; 2 V p-p differential input;
AIN = −1.0 dBFS; 64k sample; TA = 25°C, unless otherwise noted. All figures show typical performance for all speed grades.
0
–140
0
62.500
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
15.625
31.250
46.875
125MSPS
2.3MHz @ –1dBFS
SNR = 71.9dB (72.9dBFS)
ENOB = 11.7 BITS
SFDR = 90dBc
Figure 12. AD9246-125 Single-Tone FFT with fIN = 2.3 MHz
0
–140
0
62.500
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
15.625
31.250
46.875
125MSPS
30.3MHz @ –1dBFS
SNR = 71.9dBc (72.9dBFS)
ENOB = 11.6 BITS
SFDR = 88.8dBc
Figure 13. AD9246-125 Single-Tone FFT with fIN = 30.3 MHz
0
–140
0
62.500
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
15.625
31.250
46.875
125MSPS
70.3MHz @ –1dBFS
SNR = 71.7dB (72.7dBFS)
ENOB = 11.5 BITS
SFDR = 85dBc
Figure 14. AD9246-125 Single-Tone FFT with fIN = 70.3 MHz
0
–140
0
62.500
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
15.625
31.250
46.875
125MSPS
100.3MHz @ –1dBFS
SNR = 71.6dBc (72.6dBFS)
ENOB = 11.5 BITS
SFDR = 85dBc
Figure 15. AD9246-125 Single-Tone FFT with fIN = 100.3 MHz
0
–140
0
62.500
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
15.625
31.250
46.875
125MSPS
140.3MHz @ –1dBFS
SNR = 71dB (72dBFS)
ENOB = 11.4 BITS
SFDR = 85dBc
Figure 16. AD9246-125 Single-Tone FFT with fIN = 140.3 MHz
0
–140
0
62.500
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
15.625
31.250
46.875
125MSPS
170.3MHz @ –1dBFS
SNR = 70.8dB (71.8dBFS)
ENOB = 11.4 BITS
SFDR = 83.4dBc
Figure 17. AD9246-125 Single-Tone FFT with fIN = 170.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com