Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9218 Datasheet HTML 5Page - Analog Devices AD9218 Datasheet HTML 6Page - Analog Devices AD9218 Datasheet HTML 7Page - Analog Devices AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9218
Rev. C | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
EXPLANATION OF TEST LEVELS
Table 5.
Parameter
Rating
I.
100% production tested.
VD, V
4 V
DD
II.
100% production tested at 25°C and sample tested at
specified temperatures.
Analog Inputs
–0.5 V to VD + 0.5 V
Digital Inputs
–0.5 V to V
+ 0.5 V
DD
REFIN Inputs
–0.5 V to VD + 0.5 V
III.
Sample tested only.
Digital Output Current
20 mA
IV.
Parameter is guaranteed by design and characterization
testing.
Operating Temperature
–55°C to +125°C
Storage Temperature
–65°C to +150°C
Maximum Junction Temperature
150°C
V.
Parameter is a typical value only.
Maximum Case Temperature
150°C
θA (measured on a 4-layer board with
solid ground plane)
57°C/W
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing for industrial temperature
range.
100% production tested at temperature extremes for
military devices.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6. User Select Modes
S1
S2
Power-Down and Data Alignment Settings
0
0
Power down both Channel A and Channel B.
0
1
Power down Channel B only.
1
0
Normal operation (data align disabled).
1
1
Data align enabled (data from both channels
available on rising edge of Clock A. Channel B data is
delayed by a ½ clock cycle.)
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com