Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9218 Datasheet HTML 18Page - Analog Devices AD9218 Datasheet HTML 19Page - Analog Devices AD9218 Datasheet HTML 20Page - Analog Devices AD9218 Datasheet HTML 21Page - Analog Devices AD9218 Datasheet HTML 22Page - Analog Devices AD9218 Datasheet HTML 23Page - Analog Devices AD9218 Datasheet HTML 24Page - Analog Devices AD9218 Datasheet HTML 25Page - Analog Devices AD9218 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
AD9218
Rev. C | Page 21 of 28
EVALUATION BOARD
The AD9218/AD9288 customer evaluation board offers an easy
way to test the AD9218 or the AD9288. The compatible pinout
of the two parts facilitates the use of one PCB for testing either
part. The PCB requires power supplies, a clock source, and a
filtered analog source for most ADC testing required.
POWER CONNECTOR
Power is supplied to the board via a detachable 12-lead power
strip. The minimum 3 V supplies required to run the board are
VD, VDL, and VDD. To allow the use of the optional amplifier
path, ±5 V supplies are required.
ANALOG INPUTS
Each channel has an independent analog path that uses a
wideband transformer to drive the ADC differentially from a
single-ended sine source at the input SMAs. The transformer
paths can be bypassed to allow the use of a dc-coupled path
using two AD8138 op amps with a simple board modification.
The analog input should be band-pass filtered to remove any
harmonics in the input signal and to minimize aliasing.
VOLTAGE REFERENCE
The AD9218 has an internal 1.25 V voltage reference; an
external reference for each channel can be employed instead
by connecting two external voltage references at the power
connector and setting jumpers at E18 and E19. The evaluation
board is shipped configured for internal reference mode.
CLOCKING
Each channel can be clocked by a common clock input at SMA
inputs ENCODE A and ENCODE B. The channels can also be
clocked independently by a simple board modification. The
clock input should be a low jitter sine source for maximum
performance.
DATA OUTPUTS
The data outputs are latched on board by two 10-bit latches
and drive an 8-lead connector, which is compatible with the dual-
channel FIFO board that is available from Analog Devices, Inc.
This board, together with ADC analyzer software, can greatly
simplify ADC testing.
DATA FORMAT/GAIN
The DFS/GAIN pin can be biased for desired operation at the
DFS jumper located at the S1, S2 jumpers.
TIMING
Timing on each channel can be controlled, if needed, on the
PCB. Clock signals at the latches or the data ready signals that
go to the output 80-lead connector can be inverted if required.
Jumpers also allow for biasing of Pin S1 and Pin S2 for power-
down and timing alignment control.
TROUBLESHOOTING
If the board does not seem to be working correctly, try the
following:
• Verify power at the IC pins.
• Check that all jumpers are in the correct position for the
desired mode of operation.
• Verify that V
REF
is at 1.23 V.
• Try running encode clock and analog inputs at low speeds
(20 MSPS/1 MHz) and monitor the LCX821 outputs, DAC
outputs, and ADC outputs for toggling.
The AD9218 evaluation board is provided as a design example
for customers of Analog Devices. Analog Devices makes no
warranties, express, statutory, or implied, regarding
merchantability or fitness for a particular purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com