Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices AD9218 Datasheet HTML 19Page - Analog Devices AD9218 Datasheet HTML 20Page - Analog Devices AD9218 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD9218
Rev. C | Page 16 of 28
30
35
40
45
50
55
60
65
70
75
4
3
12
05
6
ENCODE POSITIVE PULSEWIDTH (ns)
7
8
SFDR
SINAD
40
45
50
55
60
65
70
75
02
4
6
8
10
12
14
ENCODE POSITIVE PULSEWIDTH (ns)
SFDR
SINAD
Figure 32. SINAD and SFDR vs. Encode Pulse Width High, AIN = –0.5 dBFS
Single-Ended, 1 V p-p Analog Input Range 105 MSPS
Figure 35. SINAD and SFDR vs. Encode Pulse Width High, AIN = –0.5 dBFS
Single-Ended, 1 V p-p Analog Input Range 65 MSPS
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
ENCODE CLOCK RATE (MSPS)
IVD – 105
IVD – 65
–65/–105 IVDD
0
5
10
15
20
25
30
35
40
45
50
2.0
2.5
3.0
3.5
4.0
4.5
020
–40
–20
40
60
80
TEMPERATURE (°C)
GAIN –105
GAIN –65
Figure 36. Gain Error vs. Temperature, A
Figure 33. IVD and IVDD vs. Encode Rate (AIN = 10.3 MHz, @ –0.5 dBFS),
–65 MSPS/–105 MSPS Grade CI = 5 pF
IN
= 10.3 MHz, –65 MSPS Grade,
–105 MSPS Grade, 1 V p-p
52
54
56
58
60
62
64
66
68
020
–40
–20
40
60
80
TEMPERATURE (°C)
SFDR –65
SFDR –105
SNR –65
SNR –105
SINAD –65
SINAD –105
1.119
1.121
1.123
1.125
1.127
1.129
1.131
020
–40
–20
40
60
80
TEMPERATURE (°C)
Figure 37. SNR, SINAD, SFDR vs. Temperature, A
Figure 34. VREF Output Voltage vs. Temperature (ILOAD = 300 μA)
IN
= 10.3 MHz,
–65 MSPS Grade, –105 MSPS Grade, 1 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com