Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices AD9218 Datasheet HTML 19Page - Analog Devices AD9218 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD9218
Rev. C | Page 15 of 28
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100
120
140
160
180
AIN FREQUENCY (MHz)
H2 1V
H2 2V
H3 2V
2V SINGLE-ENDED DRIVE
1V DIFFERENTIAL DRIVE
SFDR 2V
SFDR 1V
H3 1V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
032.5
ENCODE = 65MSPS
AIN1 = 28.1MHz AT –7dBFS
AIN2 = 29.1MHz AT –7dBFS
SFDR = –72.9dBFS
Figure 29. Two-Tone Intermodulation Distortion
(28 MHz, 29 MHz; 1 V p-p, FS = 65 MSPS)
Figure 26. Harmonic Distortion (Second and Third) and
SFDR vs. AIN Frequency (FS = 65 MSPS)
50
55
60
65
70
75
80
85
90
30
40
10
20
50
60
70
AIN FREQUENCY (MHz)
SFDR
THIRD
SECOND
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
020
ENCODE = 40MSPS
AIN1 = 10MHz AT –7dBFS
AIN2 = 11MHz AT –7dBFS
SFDR = 74dBc
Figure 30. Two-Tone Intermodulation Distortion
(10 MHz, 11 MHz; 1 V p-p, FS = 40 MSPS)
Figure 27. Harmonic Distortion (Second and Third) and
SFDR vs. AIN Frequency (1 V p-p, FS = 40 MSPS)
45
50
55
60
65
70
75
40
60
020
80
100
120
ENCODE RATE (MSPS)
SFDR
SINAD
45
50
55
60
65
70
75
80
40
30
10
20
050
60
ENCODE RATE (MHz)
SFDR
SNR
SINAD
70
80
Figure 31. SINAD and SFDR vs. Encode Rate (A
Figure 28. SINAD and SFDR vs. Encode Rate (AIN = 10.3 MHz, 105 MSPS
Grade) A
IN
= 10.3 MHz, 65 MSPS Grade)
A
IN
= –0.5 dBFS Differential, 1 V p-p Analog Input Range )
IN
= –0.5 dBFS Differential, 1 V p-p Analog Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com