Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AD9218
Rev. C | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
052.5
ENCODE = 105MSPS
AIN = 50.1MHz AT –0.5dBFS
SNR = 53.8dB
SINAD = 53.4dB
H2 = –69dB
H3 = –65.8dB
Figure 14. FFT: FS = 105 MSPS, AIN = 50.1 MHz @ –0.5 dBFS, Differential,
1 V p-p Input Range
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
040
ENCODE = 80MSPS
AIN = 39MHz AT –0.5dBFS
SNR = 56.1dB
SINAD = 55.5dB
H2 = –71.8dB
H3 = –66.2dB
Figure 15. FFT: FS = 80 MSPS, AIN = 39 MHz @ –0.5 dBFS, Differential,
1 V p-p Input Range
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
032.5
ENCODE = 65MSPS
AIN = 30.3MHz AT –0.5dBFS
SNR = 56.1dB
SINAD = 55.9dB
SFDR = 72dB
H2 = –83.2dB
H3 = –79dB
Figure 16. FFT: FS = 65 MSPS, AIN = 30.3 MHz @ –0.5 dBFS, Differential,
2 V p-p Input Range
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
020
ENCODE = 40MSPS
AIN = 19.75MHz AT –0.5dBFS
SNR = 58.4dB
SINAD = 58.3dB
H2 = –87dB
H3 = –81dB
Figure 17. FFT: FS = 40 MSPS, AIN = 19.75 MHz @ –0.5 dBFS, Differential,
1 V p-p Input Range
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
040
ENCODE = 105MSPS
AIN = 70MHz AT –0.5dBFS
SNR = 51.9dB
SINAD = 51.8dB
H2 = –70.5dB
H3 = –76.3dB
Figure 18. FFT: FS = 105 MSPS AIN = 70 MHz @ –0.5 dBFS, Differential,
1 V p-p Input Range
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
032.5
ENCODE = 65MSPS
AIN = 15MHz AT –0.5dBFS
SNR = 56.4dB
SINAD = 55.9dB
H2 = –73.9dB
H3 = –71.7dB
Figure 19. FFT: FS = 65 MSPS, AIN = 15 MHz @ – 0.5 dBFS; with AD8138 Driving
ADC Inputs, 1 V p-p Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com