Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9218 Datasheet HTML 6Page - Analog Devices AD9218 Datasheet HTML 7Page - Analog Devices AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD9218
Rev. C | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
S1
S2
GND
AINA
AINA
DFS/GAIN
AINB
AINB
REFINA
REFINB
D1A
GND
VDD
D1B
D0A
GND
GND
D0B
GND
VD
REFOUT
VD
VDD
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
AD9218
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 7. Pin Function Descriptions
Pin Number
Mnemonic
Description
GND
Ground.
1, 12, 16, 27, 29,
32, 34, 45
2
AINA
Analog Input for Channel A.
A
A
IN
3
Analog Input for Channel A (Complementary).
4
DFS/GAIN
Data Format Select and Analog Input Gain Mode. Low = offset binary output available, 1 V p-p supported;
high = twos complement output available, 1 V p-p supported; floating = offset binary output available,
2 V p-p supported; set to V
= twos complement output available, 2 V p-p supported.
REF
5
REFINA
Reference Voltage Input for Channel A.
6
REFOUT
Internal Reference Voltage.
7
REFINB
Reference Voltage Input for Channel B.
8
S1
User Select No. 1. See Table 6.
9
S2
User Select No. 2. See Table 6.
10
B
A
IN
Analog Input for Channel B (Complementary).
11
AINB
Analog Input for Channel B.
13, 30, 31, 48
VD
Analog Supply (3 V).
14
ENCB
Clock Input for Channel B.
15, 28, 33, 46
VDD
Digital Supply (2.5 V to 3.6 V).
17 to 26
D9 to D0
B
B
Digital Output for Channel B (D9 = MSB).
B
35 to 44
D0A to D9A
Digital Output for Channel A (D9A = MSB).
47
ENCA
Clock Input for Channel A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com