Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices AD9218 Datasheet HTML 19Page - Analog Devices AD9218 Datasheet HTML 20Page - Analog Devices AD9218 Datasheet HTML 21Page - Analog Devices AD9218 Datasheet HTML 22Page - Analog Devices AD9218 Datasheet HTML 23Page - Analog Devices AD9218 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AD9218
Rev. C | Page 19 of 28
VOLTAGE REFERENCE
APPLICATION INFORMATION
A stable and accurate 1.25 V voltage reference is built into the
AD9218 (VREF OUT). Typically, the internal reference is used
by strapping Pin 5 (REF
The wide analog bandwidth of the AD9218 makes it very
attractive for a variety of high performance receiver and
encoder applications.
A) and Pin 7 (REF
IN
IN
B) to Pin 6
(REF
Figure 44 shows the dual ADC in a
typical low cost I and Q demodulator implementation for cable,
satellite, or wireless LAN modem receivers. The excellent
dynamic performance of the ADC at higher analog input
frequencies and encode rates lets users employ direct IF
sampling techniques. IF sampling eliminates or simplifies analog
mixer and filter stages to reduce total system cost and power.
OUT
). The input range for each channel can be adjusted
independently by varying the reference voltage inputs applied to
the AD9218. No appreciable degradation in performance
occurs when the reference is adjusted ±5%. The full-scale range
of the ADC tracks reference voltage, which changes linearly
(a 5% change in VREF results in a 5% change in full scale).
BPF
BPF
VCO
VCO
IF IN
90°
Q
ADC
I
ADC
AD9218
TIMING
The AD9218 provides latched data outputs, with five pipeline
delays. Data outputs are available one propagation delay (tPD)
after the rising edge of the encode command (see Figure 2
through Figure 4). The length of the output data lines and loads
placed on them should be minimized to reduce transients
within the AD9218. These transients can detract from the
dynamic performance of the converter.
The minimum guaranteed conversion rate is 20 MSPS. At clock
rates below 20 MSPS, dynamic performance degrades.
Figure 44. Typical I/Q Demodulation Scheme
USER SELECT OPTIONS
Two pins are available for a combination of operational modes,
enabling the user to power down both channels, excluding the
reference, or just the B channel. Both modes place the output
buffers in a high impedance state. Recovery from a power-down
state is accomplished in 10 clock cycles following power-on.
The other option allows the user to skew the B channel output
data by one-half a clock cycle. In other words, if two clocks are
fed to the AD9218 and are 180 degrees out of phase, enabling
the data align allows Channel B output data to be available at
the rising edge of Clock A. If the same encode clock is provided
to both channels and the data align pin is enabled, output data
from Channel B is 180 degrees out of phase with respect to
Channel A. If the same encode clock is provided to both
channels and the data align pin is disabled, both outputs are
delivered on the same rising edge of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com