Electronic Components Datasheet Search
  English  ▼

X  

AD9218 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9218
Description  3V Dual Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices AD9218 Datasheet HTML 18Page - Analog Devices AD9218 Datasheet HTML 19Page - Analog Devices AD9218 Datasheet HTML 20Page - Analog Devices AD9218 Datasheet HTML 21Page - Analog Devices AD9218 Datasheet HTML 22Page - Analog Devices AD9218 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD9218
Rev. C | Page 18 of 28
THEORY OF OPERATION
ANALOG INPUT
The AD9218 ADC architecture is a bit-per-stage pipeline-type
converter utilizing switch capacitor techniques. These stages
determine the 7 MSBs and drive a 3-bit flash. Each stage
provides sufficient overlap and error correction, allowing
optimization of comparator accuracy. The input buffers are
differential, and both sets of inputs are internally biased. This
allows the most flexible use of ac-coupled or dc-coupled and
differential or single-ended input modes. The output staging
block aligns the data, carries out the error correction, and feeds
the data to output buffers. The set of output buffers are powered
from a separate supply, allowing adjustment of the output
voltage swing. There is no discernible difference in performance
between the two channels.
The analog input to the AD9218 is a differential buffer. For best
dynamic performance, impedance at A
AIN
and
IN
should match.
Special care was taken in the design of the analog input section
of the AD9218 to prevent damage and data corruption when
the input is overdriven. The nominal input range is 1.024 V p-p.
Optimum performance is obtained when the part is driven
differentially where common-mode noise is minimized and
even-order harmonics are reduced. Figure 42 shows an example
of the AD9218 being driven differentially via a wideband RF
transformer for ac-coupled applications. As shown in Figure 43,
applications that require dc-coupled differential drives can be
accommodated using the AD8138 differential output op amp.
USING THE AD9218 ENCODE INPUT
AD9218
50Ω
ANALOG
SIGNAL
SOURCE
AIN
AIN
25Ω
25Ω
0.1µF
1:1
Any high speed ADC is extremely sensitive to the quality of the
sampling clock provided by the user. A track-and-hold circuit is
essentially a mixer. Any noise, distortion, or timing jitter on the
clock is combined with the desired signal at the analog-to-
digital output. For that reason, considerable care has been taken
in the design of the ENCODE input of the AD9218, and the
user is advised to give commensurate thought to the clock
source. The ENCODE input is fully TTL/CMOS compatible.
Figure 42. Using a Wideband Transformer to Drive the AD9218
AD9218
50Ω
ANALOG
SIGNAL
SOURCE
AIN
AIN
10kΩ
5kΩ
AVDD
0.1µF
500Ω
500Ω
500Ω
525Ω
AD8138
VOCM
15pF
25Ω
25Ω
DIGITAL OUTPUTS
The digital outputs are TTL/CMOS compatible for lower power
consumption. During power-down, the output buffers transition to
a high impedance state. A data format selection option supports
either twos complement (set high) or offset binary output (set
low) formats.
Figure 43. Using the AD8138 to Drive the AD9218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com