Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9430 Datasheet HTML 34Page - Analog Devices AD9430 Datasheet HTML 35Page - Analog Devices AD9430 Datasheet HTML 36Page - Analog Devices AD9430 Datasheet HTML 37Page - Analog Devices AD9430 Datasheet HTML 38Page - Analog Devices AD9430 Datasheet HTML 39Page - Analog Devices AD9430 Datasheet HTML 40Page - Analog Devices AD9430 Datasheet HTML 41Page - Analog Devices AD9430 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
AD9430
Rev. E | Page 37 of 44
Table 13. LVDS PCB Evaluation Board Bill of Material
No.
Quantity
Reference Designator
Device
Package
Value
Comment
1
33
C1, C4–C11, C15–C17, C19–C32,
C35, C36, C58–C62
C3, C18, C39, C40
Capacitors
0603
0.1 μF
C3, C18, C39, C40 not
placed
2
4
C33, C34, C37, C38
Capacitor
0402
0.1 μF
C33, C34, C37, C38 not
placed
3
4
C63–C66
Capacitor
TAJD CAPL
10 uF
4
1
C2
Capacitor
0603
10 pF
C2 not placed
5
2
C12, C13
Capacitor
0603
20 pF
C12, C13 not placed
6
2
J4, J5
Jacks
SMB
7
2
P21, P22
Power connectors
Top
25.602.5453.0
Wieland
8
2
P21, P22
Power connectors
Posts
Z5.531.3425.0
Wieland
9
1
P23
40-pin right-angle
connector
Digi-Key
S2131-20-ND
10
16
R1, R6–R12, R15, R31–R37
Resistor
0402
100 Ω
R1, R6–R12, R15, R31–37
Not placed
11
1
R2
Resistor
0603
3.8 kΩ
12
3
R5, R16, R27
Resistor
0603
50 Ω
13
2
R17, R18
Resistor
0603
510 Ω
14
2
R19, R20
Resistor
0603
150 Ω
15
2
R29, R30
Resistor
0603
1 kΩ
16
2
R41, R42
Resistor
0603
25 Ω
17
2
R3, R4
Resistor
0603
3.8 kΩ
18
2
R13, R14
Resistor
0603
25 Ω
R13, R14 not placed
19
6
R22, R23, R24, R25, R26, R28
Resistor
0603
100 Ω
R22, R23, R24, R25, R26,
R28 not placed
20
4
R39, R40, R45, R47
Resistor
0402
25 Ω
R39, R40, R45, R47
not placed
21
2
R43, R44
Resistor
0402
10 kΩ
R43, R44 not placed
22
1
R46
Resistor
0402
1.2 kΩ
R46 not placed
23
3
R38, R48, R49
Resistor
0402
25 Ω
R38, R48, R49 not placed
24
2
R50, R51
Resistor
0402
1 kΩ
R50, R51 not placed
25
1
T1
T2
RF transformer
Mini-Circuits
ADT1-1WT
T2 not placed
26
1
U2
RF amp
AD8351
27
1
U9
Optional crystal
oscillator
JN00158 or
VF561
28
1
U1
AD9430
TQFP-100
29
1
U3
MC100LVEL16
SO8NB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com