Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AD9430
Rev. E | Page 14 of 44
Pin Number
Mnemonic
Description
22
VIN–
Analog Input—Complement.
32
GND
Data Sync (Input)—Not Used in LVDS Mode. Tie to GND.
36
CLK+
Clock Input—True (LVPECL Levels).
37
CLK–
Clock Input—Complement (LVPECL Levels).
47, 54, 62, 75, 83
DRVDD
3.3 V Digital Output Supply (3.0 V to 3.6 V).
48, 53, 61, 67, 74, 82
DRGND1
Digital Output Ground.
49
D0–
D0 Complement Output Bit (LSB).
50
D0+
D0 True Output Bit (LSB).
51
D1–
D1 Complement Output Bit.
52
D1+
D1 True Output Bit.
55
D2–
D2 Complement Output Bit.
56
D2+
D2 True Output Bit.
57
D3–
D3 Complement Output Bit.
58
D3+
D3 True Output Bit.
59
D4–
D4 Complement Output Bit.
60
D4+
D4 True Output Bit.
63
DCO–
Data Clock Output—Complement.
64
DCO+
Data Clock Output—True.
65
D5–
D5 Complement Output Bit.
66
D5+
D5 True Output Bit.
68
D6–
D6 Complement Output Bit.
69
D6+
D6 True Output Bit.
70
D7–
D7 Complement Output Bit.
71
D7+
D7 True Output Bit.
72
D8–
D8 Complement Output Bit.
73
D8+
D8 True Output Bit.
76
D9–
D9 Complement Output Bit.
77
D9+
D9 True Output Bit.
78
D10–
D10 Complement Output Bit.
79
D10+
D10 True Output Bit.
80
D11–
D11 Complement Output Bit.
81
D11+
D11 True Output Bit.
84
OR–
Overrange Complement Output Bit.
85
OR+
Overrange True Output Bit.
1 AGND and DRGND should be tied together to a common ground plane.
2 Pin 33 can be tied to AVDD (as recommended) or left floating with no ill effects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com