Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AD9430
Rev. E | Page 5 of 44
AD9430-170
AD9430-210
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY (CMOS Mode)
AVDD
Full
IV
3.1
3.3
3.6
3.2
3.3
3.6
V
DRVDD
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
Supply Currents
IAVDD (AVDD = 3.3 V)5
Full
IV
335
372
390
450
mA
IDRVDD (DRVDD = 3.3 V)5
Full
IV
24
30
30
30
mA
Power Dissipation5
Full
IV
1.1
1.3
W
Power Supply Rejection
25°C
V
–7.5
–7.5
mV/V
1 Internal reference mode; SENSE = Floats.
2 External reference mode; SENSE = DRVDD, VREF driven by external 1.23 V reference.
3 S5 (Pin 1) = GND. See the
section. S5 = GND in all dc and ac tests, unless otherwise noted.
Analog Input
4 IAVDD and IDRVDD are measured with an analog input of 10.3 MHz, –0.5 dBFS, sine wave, rated ENCODE rate, and in LVDS output mode. See Typical Performance
Characteristics and Application Notes sections for IDRVDD. Power consumption is measured with a dc input at rated ENCODE rate in LVDS output mode.
5 IAVDD and IDRVDD are measured with an analog input of 10.3 MHz, –0.5 dBFS, sine wave, rated ENCODE rate, and in CMOS output mode. See Typical Performance
Characteristics and Application Notes sections for IDRVDD. Power consumption is measured with a dc input at rated ENCODE rate in CMOS output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com