Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 5 Page - Analog Devices

  AD9430 Datasheet HTML 1Page - Analog Devices AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD9430
Rev. E | Page 4 of 44
DC SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = –40°C, TMAX = +85°C, fIN = –0.5 dBFS, internal reference, full scale = 1.536 V, LVDS output mode,
unless otherwise noted.
Table
1.
AD9430-170
AD9430-210
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Offset Error
25°C
I
–3
+3
–3
+3
mV
Gain Error
25°C
I
–5
+5
–5
+5
% FS
Differential Nonlinearity (DNL)
25°C
I
–1
± 0.3
+1
–1
± 0.3
+1
LSB
Full
VI
–1
± 0.3
+1.5
–1
± 0.3
+1.5
LSB
Integral Nonlinearity (INL)
25°C
I
–1.5
± 0.5
+1.5
–1.75
± 0.3
+1.75
LSB
Full
VI
–2.25
± 0.5
+2.25
–2.5
± 0.3
+2.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
58
58
μV/°C
Gain Error
Full
V
0.02
0.02
%/°C
Reference Out (VREF)
Full
V
+0.12/–0.24
+0.12/–0.24
mV/°C
REFERENCE
Reference Out (VREF)
25°C
I
1.15
1.235
1.3
1.15
1.235
1.3
V
Output Current1
25°C
IV
3.0
3.0
mA
IVREF Input Current2
25°C
I
20
20
μA
ISENSE Input Current2
25°C
I
1.6
5.0
1.6
5.0
mA
ANALOG INPUTS (VIN+, VIN–)3
Differential Input Voltage Range
(S5 = GND)
Full
V
1.536
1.536
V
Differential Input Voltage Range
(S5 = AVDD)
Full
V
0.766
0.766
V
Input Common-Mode Voltage
Full
VI
2.65
2.8
2.9
2.65
2.8
2.9
V
Input Resistance
Full
VI
2.2
3
3.8
2.2
3
3.8
kΩ
Input Capacitance
25°C
V
5
5
pF
POWER SUPPLY (LVDS Mode)
AVDD
Full
IV
3.1
3.3
3.6
3.2
3.3
3.6
V
DRVDD
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
Supply Currents
IANALOG (AVDD = 3.3 V)4
Full
VI
335
372
390
450
mA
IDIGITAL (DRVDD = 3.3 V)4
Full
VI
55
62
55
62
mA
Power Dissipation4
Full
VI
1.29
1.43
1.5
1.7
W
Power Supply Rejection
25°C
V
–7.5
–7.5
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com