Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9430 Datasheet HTML 26Page - Analog Devices AD9430 Datasheet HTML 27Page - Analog Devices AD9430 Datasheet HTML 28Page - Analog Devices AD9430 Datasheet HTML 29Page - Analog Devices AD9430 Datasheet HTML 30Page - Analog Devices AD9430 Datasheet HTML 31Page - Analog Devices AD9430 Datasheet HTML 32Page - Analog Devices AD9430 Datasheet HTML 33Page - Analog Devices AD9430 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
AD9430
Rev. E | Page 29 of 44
CMOS DATA OUTPUTS
The ADC CMOS digital outputs are latched on the board by
four LVT574s; the latch outputs are available at the two 40-pin
connectors at Pin 11 through Pin 33 on P23 (Channel A) and
Pin 11 through Pin 33 on P3 (Channel B). The latch output
clocks (data ready) are available at Pin 37 on P23 (Channel A)
and Pin 37 on P3 (Channel B). The data-ready clocks can be
inverted at the timing controls section if needed.
CH1
CH2
CH2
M 5.00ns
1
2
∆: 4.6ns
C1 FREQ
84.65608MHz
2.00V
2.00V
Figure 55. Data Output and Clock @ 80-Pin Connector
CRYSTAL OSCILLATOR
An optional crystal oscillator can be placed on the board to
serve as a clock source for the PCB. Power to the oscillator is
through the VCLK pin at the power connector (also called
VCLK/V_XTAL). If an oscillator is used, ensure proper
termination for best results. The board has been tested with a
Valpey Fisher VF561 and a Vectron JN00158-163.84. Test
results for the VF561 are shown in Figure 56.
MHz
0
–30
080
20
40
60
–60
–80
–20
–10
–50
–40
–100
–90
–70
ENCODE 163.84MHz
ANALOG 65.02MHz
SNR 63.93dB
SINAD 63.87dB
FUND –0.45dBFS
2ND –85.62dBc
3RD –91.31dBc
4TH –90.54dBc
5TH –90.56dBc
6TH –91.12dBc
THD –82.21dBc
SFDR 83.93dBc
SAMPLES 8k
NOISEFLR –100.44dBFS
WORSTSP –83.93dBc
Figure 56. FFT—Using VF561 Crystal as Clock Source
OPTIONAL AMPLIFIER
The evaluation board as shipped uses a wideband RF
transformer in its analog path. A user can modify the board to
use the AD8351 op amp for ac- or dc-coupled applications
(see Figure 59 and Figure 60). Figure 60 shows the AD8351 in
an ac-coupled topology, while Figure 57 shows the AD8351 in
a dc-coupled application. Optimum performance is obtained
with the AD8351 ac coupled.
SINGLE-
ENDED
50
SOURCE
R1
100nF
100nF
AD8351
INHI
INLO
RG
OPHI
OPLO
VOCM
DIGITAL
OUT
AD9430
AIN+
AIN–
100nF
RF
5pF
2.8V
25
25
50
25
Figure 57. Using the AD8351 on the AD9430 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com