Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9430 Datasheet HTML 22Page - Analog Devices AD9430 Datasheet HTML 23Page - Analog Devices AD9430 Datasheet HTML 24Page - Analog Devices AD9430 Datasheet HTML 25Page - Analog Devices AD9430 Datasheet HTML 26Page - Analog Devices AD9430 Datasheet HTML 27Page - Analog Devices AD9430 Datasheet HTML 28Page - Analog Devices AD9430 Datasheet HTML 29Page - Analog Devices AD9430 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
AD9430
Rev. E | Page 25 of 44
APPLICATION NOTES
THEORY OF OPERATION
The AD9430 architecture is optimized for high speed and ease
of use. The analog inputs drive an integrated high bandwidth
track-and-hold circuit that samples the signal prior to
quantization by the 12-bit core. For ease of use, the part
includes an on-board reference and input logic that accepts
TTL, CMOS, or LVPECL levels. The digital output logic levels
are user selectable as standard 3 V CMOS or LVDS (ANSI-644
compatible) via Pin S2.
ENCODE INPUT
Any high speed ADC is extremely sensitive to the quality of the
sampling clock provided by the user. A track-and-hold circuit is
essentially a mixer, and any noise, distortion, or timing jitter on
the clock is combined with the desired signal at the A/D output.
For that reason, considerable care has been taken in the design
of the clock inputs of the AD9430, and the user is advised to
give careful thought to the clock source.
The AD9430 has an internal clock duty cycle stabilization
circuit that locks to the rising edge of CLK+ and optimizes
timing internally. This allows for a wide range of input duty
cycles at the input without degrading performance. Jitter in
the rising edge of the input is still of paramount concern and
is not reduced by the internal stabilization circuit. The duty
cycle control loop does not function for clock rates less than
30 MHz nominally. The loop has a time constant associated
with it that needs to be considered in applications where the
clock rate can change dynamically, requiring a wait time of
1.5 μs to 5 μs after a dynamic clock frequency increase before
valid data is available. This circuit is always on and cannot be
disabled by the user.
The clock inputs are internally biased to 1.5 V (nominal) and
support either differential or single-ended signals. For best
dynamic performance, a differential signal is recommended. An
MC100LVEL16 performs well in the circuit to drive the clock
inputs, as illustrated in Figure 50. (For trace lengths >2 inches, a
standard LVPECL termination is recommended rather than the
simple pull-down as shown.) Note that for this low voltage
PECL device, the ac coupling is optional.
PECL
GATE
510
Ω
510
Ω
0.1
μF
0.1
μF
CLK–
AD9430
CLK+
Figure 50. Driving Clock Inputs with LVEL16
In interleaved mode, output data on Port A is offset from output
data changes on Port B by one-half output clock cycle, as shown
in Figure 51.
INTERLEAVED MODE
PARALLEL MODE
Figure 51.
Table 9. Output Select Coding
S11
S21
S41
S51
(Data Format Select)
(LVDS/CMOS Mode Select)2
(I/P Select)
(Full-Scale Select)3
Mode
1
X
X
X
Twos complement
0
X
X
X
Offset binary
X
0
1
X
Dual-mode CMOS interleaved
X
0
0
X
Dual-mode CMOS parallel
X
1
X
X
LVDS mode
X
X
X
1
Full scale = 0.768 V
X
X
X
0
Full scale = 1.536 V
1 X = don’t care.
2 S4 used in CMOS mode only (S2 = 0). S1 to S5 all have 30 kΩ resistive pull-downs on chip.
3 S5 full-scale adjust (see the
section).
Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com