Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
AD9430
Rev. E | Page 7 of 44
DIGITAL SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = –40°C, TMAX = +85°C, unless otherwise noted.
Table 3.
Test
AD9430-170
AD9430-210
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
ENCODE AND DS INPUTS
(CLK+, CLK–, DS+, DS–)1
Differential Input Voltage2
Full
IV
0.2
0.2
V
Common-Mode Voltage3
Full
VI
1.375
1.5
1.575
1.375
1.5
1.575
V
Input Resistance
Full
VI
3.2
5.5
6.5
3.2
5.5
6.5
kΩ
Input Capacitance
25°C
V
4
4
pF
LOGIC INPUTS (S1, S2, S4, S5)
Logic 1 Voltage
Full
IV
2.0
2.0
V
Logic 0 Voltage
Full
IV
0.8
0.8
V
Logic 1 Input Current
Full
VI
190
190
μA
Logic 0 Input Current
Full
VI
10
10
μA
Input Resistance
25°C
V
30
30
kΩ
Input Capacitance
25°C
V
4
4
pF
LOGIC OUTPUTS (CMOS Mode)
Logic 1 Voltage4
Full
IV
DRVDD
DRVDD
V
–0.05
–0.05
Logic 0 Voltage4
Full
IV
0.05
0.05
V
LOGIC OUTPUTS (LVDS Mode)4, 5
VOD Differential Output Voltage
Full
VI
247
454
247
454
mV
VOS Output Offset Voltage
Full
VI
1.125
1.375
1.125
1.375
V
Output Coding
Twos complement or binary
Twos complement or binary
1 ENCODE (Clock) and DS inputs identical on the chip. See the
section.
Equivalent Circuits
2 All ac specifications tested by driving CLK+ and CLK– differentially, |(CLK+) – (CLK–)| > 200 mV.
3 ENCODE (Clock) inputs’ common-mode can be externally set, such that 0.9 V < (CLK+ or CLK−) < 2.6 V.
4 Digital output logic levels: DRVDD = 3.3 V, CLOAD = 5 pF.
5 LVDS RTERM = 100 Ω, LVDS output current set resistor (RSET) = 3.74 kΩ (1% tolerance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com