Electronic Components Datasheet Search
  English  ▼

X  

AD9430 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9430 Datasheet HTML 36Page - Analog Devices AD9430 Datasheet HTML 37Page - Analog Devices AD9430 Datasheet HTML 38Page - Analog Devices AD9430 Datasheet HTML 39Page - Analog Devices AD9430 Datasheet HTML 40Page - Analog Devices AD9430 Datasheet HTML 41Page - Analog Devices AD9430 Datasheet HTML 42Page - Analog Devices AD9430 Datasheet HTML 43Page - Analog Devices AD9430 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
AD9430
Rev. E | Page 39 of 44
+
C64
10
μF
C16
0.1
μF
C17
0.1
μF
C19
0.1
μF
C21
0.1
μF
C20
0.1
μF
C23
0.1
μF
C22
0.1
μF
C25
0.1
μF
C24
0.1
μF
C27
0.1
μF
C26
0.1
μF
C29
0.1
μF
C28
0.1
μF
C31
0.1
μF
C32
0.1
μF
C35
0.1
μF
VCC
GND
+
C65
10
μF
C61
0.1
μF
C62
0.1
μF
C60
0.1
μF
C59
0.1
μF
C58
0.1
μF
DRVDD
GND
C66
10
μF
C18
0.1
μF
VDL
GND
+
C63
10
μF
VREF
GND
+
TO USE VF561 CRYSTAL
E/D
1
NC
2
GND
3
VCC
OUTPUTB
OUTPUT
6
5
4
JN00158
U9
GND
R28
100
Ω
R22
100
Ω
GND
VDL
VDL
GND
R23
100
Ω
R25
100
Ω
VDL
GND
R24
100
Ω
R26
100
Ω
P4
P5
Figure 68. Evaluation Board Schematic—LVDS (continued)
VDL
VDL
GND
GND
GND
AMP IN
AMP
POWER DOWN
USE R43 OR R44
U2
AD8351
R44
R39
25
Ω
R38
R40
25
Ω
R46
R45
25
Ω
R43
C33
0.1
μF
C34
0.1
μF
VDL
GND
GND
R51
1k
Ω
R50
1k
Ω
C38
0.1
μF
C37
0.1
μF
R49
C39
0.1
μF
R48
C40
0.1
μF
AMPINB
AMPIN
GND
R47
PWUP
1
RGP1
2
INHI
3
INLO
4
RPG2
5
VOCM
VPOS
OPHI
OPLO
COMM
10
9
8
7
6
25
Ω
25
Ω
25
Ω
1.2k
Ω
0
Ω
10k
Ω
10k
Ω
Figure 69. Evaluation Board Schematic—LVDS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com