Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 159 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 159 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 155Page - Teccor Electronics AC16FSM Datasheet HTML 156Page - Teccor Electronics AC16FSM Datasheet HTML 157Page - Teccor Electronics AC16FSM Datasheet HTML 158Page - Teccor Electronics AC16FSM Datasheet HTML 159Page - Teccor Electronics AC16FSM Datasheet HTML 160Page - Teccor Electronics AC16FSM Datasheet HTML 161Page - Teccor Electronics AC16FSM Datasheet HTML 162Page - Teccor Electronics AC16FSM Datasheet HTML 163Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 223 page
background image
Application Notes
AN1006
©2002 Teccor Electronics
AN1006 - 7
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
8. Set Power Dissipation to 2.2 W. (2W on 370) For sensitive
SCRs, set at 0.5 W. (0.4 W on 370)
9. Set Horizontal knob to 2 V/DIV.
10. Set Vertical knob to 50 mA/DIV.
11. Increase Variable Collector Supply Voltage until voltage
reaches 12 V on CRT.
12. After 12 V setting is completed, change Horizontal knob to
Step Generator.
Procedure 7: IGT
To measure the IGT parameter:
1. Set Step/Offset Amplitude to 20% of maximum rated IGT.
Note: RGK should be removed when testing IGT.
2. Set Left-Right Terminal Jack Selector to correspond with
location of the test fixture.
3. Gradually increase Offset Multiplier until device reaches
the conduction point. (Figure AN1006.9) Measure IGT by fol-
lowing horizontal axis to the point where the vertical line
crosses axis. This measured value is IGT. (On 370, IGT will be
numerically displayed on screen under offset value.)
Figure AN1006.9
IGT = 25 µA
Procedure 8: VGT
To measure the VGT parameter:
1. Set Offset Multiplier to 0 (zero). (Press Aid and Oppose at
the same time on 370.)
2. Set Step Offset Amplitude to 20% rated VGT.
3. Set Left-Right Terminal Jack Selector to correspond with
location of test fixture.
4. Gradually increase Offset Multiplier until device reaches
the conduction point. (Figure AN1006.10) Measure VGT by
following horizontal axis to the point where the vertical line
crosses axis. This measured value is VGT. (On 370, VGT will
be numerically displayed on screen, under offset value.)
Procedure 9: GT will be numerically displayed on screen
under offset value.)
Figure AN1006.10 VGT = 580 mV
Triacs
Triacs are full-wave bidirectional AC switches turned on when
current is supplied to the gate terminal of the device. If gate con-
trol in all four quadrants is required, then a sensitive gate triac is
needed, whereas a standard triac can be used if gate control is
only required in Quadrants I through III.
To connect the triac:
1. Connect the Gate to the Base Terminal (B).
2. Connect MT1 to the Emitter Terminal (E).
3. Connect MT2 to the Collector Terminal (C).
To begin testing, perform the following procedures.
Procedure 1: (+)VDRM, (+)IDRM, (-)VDRM, (-)IDRM
Note: The (+) and (-) symbols are used to designate the polarity
MT2 with reference to MT1.
To measure the (+)VDRM, (+)IDRM, (-)VDRM, and (-)IDRM parameter:
1. Set Variable Collector Supply Voltage Range to appropri-
ate Max Peak Volts for device under test. (Value selected
should be equal to the device’s VDRM rating.)
WARNING: Do NOT exceed VDRM/VRRM rating of SCRs, tri-
acs, or Quadracs. These devices can be damaged.
2. Set Horizontal knob to sufficient scale to allow viewing of
trace at the required voltage level. (The 100 V/DIV scale
should be used for testing devices having a VDRM rating of
600 V or greater; the 50 V/DIV scale for testing parts rated
from 30 V to 500 V, and so on.)
3. Set Mode to Leakage.
4. Set Polarity to (+).
5. Set Power Dissipation to 0.5 W. (0.4 W on 370)
6. Set Terminal Selector to Emitter Grounded-Open Base.
7. Set Vertical knob to ten times the maximum leakage current
(IDRM) specified for the device.
Note: The CRT screen readout should show 1% of the maxi-
mum leakage current. The vertical scale is divided by 1,000
when leakage mode is used.
50
mA
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
IGT
()k
DIV
9m
PER
DIV
10
A
5 K
50
mA
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
VGT
200
mV
250m
()k
DIV
9m
PER
DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com