Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 162 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 162 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 158Page - Teccor Electronics AC16FSM Datasheet HTML 159Page - Teccor Electronics AC16FSM Datasheet HTML 160Page - Teccor Electronics AC16FSM Datasheet HTML 161Page - Teccor Electronics AC16FSM Datasheet HTML 162Page - Teccor Electronics AC16FSM Datasheet HTML 163Page - Teccor Electronics AC16FSM Datasheet HTML 164Page - Teccor Electronics AC16FSM Datasheet HTML 165Page - Teccor Electronics AC16FSM Datasheet HTML 166Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 223 page
background image
AN1006
Application Notes
http://www.teccor.com
AN1006 - 10
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Procedure 12: IGT – Quadrant II [MT2 (+) Gate (-)]
To measure the IGT – Quadrant II parameter:
1. Set Step/Offside Polarity by depressing Invert (release but-
ton on 577).
2. Set Polarity to (+).
3. Set observed dot to bottom right corner of CRT grid by turn-
ing the horizontal position knob. When Quadrant II testing is
complete, return dot to original position.
4. Repeat Procedure 11.
Procedure 13: IGT – Quadrant III [MT2 (-) Gate (-)]
To measure the IGT – Quadrant III parameter:
1. Set Polarity to (–).
2. Set Step/Offset Polarity to non-inverted position (button
extended, on 577 button depressed).
3. Repeat Procedure 11. (Figure AN1006.15)
Figure AN1006.15 IGT in Quadrant III = 27 mA
Procedure 14: IGT – Quadrant IV [MT2 (-) Gate (+)]
To measure the IGT – Quadrant IV parameter:
1. Set Polarity to (–).
2. Set Step/Offset Polarity by depressing Invert (release but-
ton on 577).
3. Set observed dot to top left corner of CRT grid by turning the
Horizontal position knob. When Quadrant IV testing is com-
plete, return dot to original position.
4. Repeat Procedure 11.
Procedure 15: VGT
To measure the VGT parameter:
1. Set Polarity to (+).
2. Set Number of Steps to 1. (Set steps to 0 (zero) on 370.)
3. Set Offset by depressing Aid. (On 577, also set 0 (zero) but-
ton to Offset. Button is extended.)
4. Set Offset Multiplier to 0 (zero). (Press Aid and Oppose at
same time on 370.)
5. Set Terminal Selector to Step Generator-Emitter Grounded.
6. Set Mode to Norm.
7. Set Max Peak Volts to 15 V. (16 V on 370)
8. Set Power Dissipation to 10 W.
9. Set Step Family by depressing Single.
10. Set Horizontal knob to 2 V/DIV.
11. Set Step/Offset Polarity to non-inverted position (button
extended, on 577 button depressed).
12. Set Current Limit to 500 mA (not available on 577).
13. Increase Variable Collector Supply Voltage until voltage
reaches 12 V on CRT.
14. After 12 V setting is complete, change Horizontal knob to
Step Generator.
Procedure 16: VGT – Quadrant I [MT2 (+) Gate (+)]
To measure the VGT – Quadrant I parameter:
1. Set Step/Offset Amplitude to 20% of rated VGT.
2. Set Left-Right Terminal Jack Selector to correspond with
location of test fixture.
3. Gradually increase Offset Multiplier until device reaches
conduction point. (Figure AN1006.16) Measure VGT by fol-
lowing horizontal axis to the point where the vertical line
passes through the axis. This measured value will be VGT.
(On 370, VGT will be numerically displayed on screen under
offset value.)
Figure AN1006.16 VGT in Quadrant I = 780 mV
Procedure 17: VGT – Quadrant II [MT2 (+) Gate (-)]
To measure the VGT – Quadrant II parameter:
1. Set Step/Offset Polarity by depressing Invert (release but-
ton on 577).
2. Set Polarity to (+).
3. Set observed dot to bottom right corner of CRT grid by turn-
ing the horizontal position knob. When Quadrant II testing is
complete, return dot to original position.
4. Repeat Procedure 16.
Procedure 18: VGT – Quadrant III [MT2 (-) Gate (-)]
To measure the VGT – Quadrant III parameter:
1. Set Polarity to (–).
2. Set Step/Offset Polarity to non-inverted position (button
extended, on 577 button depressed).
50
mA
10
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
5
mA
IGT
50
mA
500
mV
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
100m
VGT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com