Electronic Components Datasheet Search
  English  ▼

X  

AC16FSM Datasheet(PDF) 161 Page - Teccor Electronics

Part # AC16FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC16FSM Datasheet(HTML) 161 Page - Teccor Electronics

Back Button AC16FSM Datasheet HTML 157Page - Teccor Electronics AC16FSM Datasheet HTML 158Page - Teccor Electronics AC16FSM Datasheet HTML 159Page - Teccor Electronics AC16FSM Datasheet HTML 160Page - Teccor Electronics AC16FSM Datasheet HTML 161Page - Teccor Electronics AC16FSM Datasheet HTML 162Page - Teccor Electronics AC16FSM Datasheet HTML 163Page - Teccor Electronics AC16FSM Datasheet HTML 164Page - Teccor Electronics AC16FSM Datasheet HTML 165Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 223 page
background image
Application Notes
AN1006
©2002 Teccor Electronics
AN1006 - 9
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
3. Set Max Peak Volts to 75 V. (80 V on 370)
4. Set Mode to DC.
5. Set Horizontal knob to Step Generator.
6. Set Vertical knob to approximately 10% of the maximum IH
specified.
Note: Due to large variation of holding current values, the
scale may have to be adjusted to observe holding current.
7. Set Number of Steps to 1.
8. Set Step/Offset Polarity to non-inverted (button extended,
on 577 button depressed).
9. Set Offset by depressing 0 (zero). (Press Aid and Oppose at
same time on 370.)
10. Set Terminal Selector to Step Generator-Emitter Grounded.
Procedure 8: IH(Forward)
To measure the IH (Forward) parameter:
1. Set Polarity to (+).
2. Set Left-Right Terminal Jack Selector to correspond with
location of test fixture.
3. Increase Variable Collector Supply Voltage to maximum
position (100).
4. Set Step Family by depressing Single.
This could possibly cause the dot on the CRT to disappear,
depending on the vertical scale selected).
5. Decrease Variable Collector Supply Voltage to the point
where the line on the CRT changes to a dot. The position of
the beginning point of the line, just before the line becomes a
dot, represents the holding current value.
(Figure AN1006.13)
Figure AN1006.13 IH (Forward) = 8.2 mA
Procedure 9: IH(Reverse)
To measure the IH (Reverse) parameter:
1. Set Polarity to (–).
2. Repeat Procedure 7 measuring IH(Reverse). (Read measure-
ments from upper right corner of the screen.)
Procedure 10: IGT
To measure the IGT parameter:
1. Set Polarity to (+).
2. Set Number of Steps to 1. (Set number of steps to 0 (zero)
on 370.)
3. Set Offset by depressing Aid. (On 577, also set Zero button
to Offset. Button is extended.)
4. Set Offset Multiplier to 0 (zero). (Press Aid and Oppose at
same time on 370.)
5. Set Terminal Selector to Step Generator-Emitter Grounded.
6. Set Mode to Norm.
7. Set Max Peak Volts to 15 V. (16 V on 370)
8. Set Power Dissipation to 10 W.
9. Set Step Family by depressing Single.
10. Set Horizontal knob to 2 V/DIV.
11. Set Vertical knob to 50 mA/DIV.
12. Set Step/Offset Polarity to non-inverted position (button
extended, on 577 button depressed).
13. Set Variable Collector Supply Voltage until voltage
reaches 12 V on CRT.
14. After 12 V setting is completed, change Horizontal knob to
Step Generator.
Procedure 11: IGT – Quadrant I [MT2 (+) Gate (+)]
To measure the IGT – Quadrant I parameter:
1. Set Step/Offset Amplitude to approximately 10% of rated
IGT.
2. Set Left-Right Terminal Jack Selector to correspond with
location of test fixture.
3. Gradually increase Offset Multiplier until device reaches
conduction point. (Figure AN1006.14) Measure IGT by follow-
ing horizontal axis to the point where the vertical line passes
through the axis. This measured value is IGT. (On 370, IGT is
numerically displayed on screen under offset value.)
Figure AN1006.14 IGT in Quadrant I = 18.8 mA
5
mA
100m
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
50
mA
IH
50
mA
10
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
5
mA
IGT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com