Electronic Components Datasheet Search
  English  ▼

X  

AD7889 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7889
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7889 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7889 Datasheet HTML 10Page - Analog Devices AD7889 Datasheet HTML 11Page - Analog Devices AD7889 Datasheet HTML 12Page - Analog Devices AD7889 Datasheet HTML 13Page - Analog Devices AD7889 Datasheet HTML 14Page - Analog Devices AD7889 Datasheet HTML 15Page - Analog Devices AD7889 Datasheet HTML 16Page - Analog Devices AD7889 Datasheet HTML 17Page - Analog Devices AD7889 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 14 of 40
Figure 23 shows an equivalent circuit of the analog input structure
of the AD7879/AD7889, including the touch screen switches,
the main analog multiplexer, the ADC, and the dual 3 to 1
multiplexer that selects the reference source for the ADC.
AUX/VBAT/GPIO
12-BIT SUCCESSIVE
APPROXIMATION ADC
WITH TRACK-AND-HOLD
INPUT
MUX
TEMPERATURE
SENSOR
Y–
Y+
X–
X+
VCC
REF–
IN+
REF+
DUAL 3-TO-1 MUX
X– Y– GND X+ Y+ VCC
Figure 23. Analog Input Structure
The AD7879/AD7889 can be set up to automatically convert
either specific input channels or a sequence of channels. The
results of the ADC conversions are stored in the result registers.
When measuring the ancillary analog inputs (AUX, TEMP, or
VBAT), the ADC uses a VCC reference and the measurement is
referred to GND.
MEASURING TOUCH SCREEN INPUTS
When measuring the touch screen inputs, it is possible to use
VCC as a reference or instead to use the touch screen excitation
voltage as the reference and to perform a ratiometric, differential
measurement. The differential method is the default method
and is selected by clearing the SER/DFR bit (Bit 9 in Control
Register 2) to 0. The single-ended method is selected by setting
this bit to 1.
Single-Ended Method
Figure 24 shows the single-ended method for the Y position.
For the X position, the excitation voltage is applied to X+ and
X− and the voltage is measured at Y+.
ADC
REF+
INPUT
(VIA MUX)
X+
REF–
TOUCH
SCREEN
Y+
Y–
GND
VREF
VCC
Figure 24. Single-Ended Conversion of Touch Screen Inputs
The voltage seen at the input to the ADC in Figure 24 is
YTOTAL
Y
CC
IN
R
R
V
V
(1)
The advantage of the single-ended method is that the touch screen
excitation voltage is switched off when the signal is acquired.
Because a screen can draw over 1 mA, this is a significant
consideration for a battery-powered system.
The disadvantage of the single-ended method is that voltage
drops across the switches can introduce errors. Touch screens
can have a total end-to-end resistance ranging from 200 Ω to
900 Ω. By taking the lowest screen resistance of 200 Ω and a
typical switch resistance of 14 Ω, the user can reduce the apparent
excitation voltage to 200/228 × 100 = 87% of its actual value. In
addition, the voltage drop across the low-side switch adds to the
ADC input voltage. This introduces an offset into the input
voltage; thus, it can never reach 0.
Ratiometric Method
The ratiometric method illustrated in Figure 25 shows the
negative input of the ADC reference connected to Y− and the
positive input connected to Y+. Thus, the screen excitation
voltage provides the reference for the ADC. The input of the
ADC is connected to X+ to determine the Y position.
ADC
REF+
INPUT
(VIA MUX)
REF–
VCC
X+
TOUCH
SCREEN
Y+
Y–
GND
Figure 25. Ratiometric Conversion of Touch Screen Inputs
For greater accuracy, the ratiometric method has two significant
advantages. One is that the reference to the ADC is provided
from the actual voltage across the screen; therefore, any voltage
dropped across the switches has no effect. The other advantage
is that because the measurement is ratiometric, it does not
matter if the voltage across the screen varies in the long term.
However, it must not change after the signal has been acquired.
The disadvantage of the ratiometric method is that the screen
must be powered up at all times because it provides the reference
voltage for the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com