Electronic Components Datasheet Search
  English  ▼

X  

AD7889 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7889
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7889 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7889 Datasheet HTML 18Page - Analog Devices AD7889 Datasheet HTML 19Page - Analog Devices AD7889 Datasheet HTML 20Page - Analog Devices AD7889 Datasheet HTML 21Page - Analog Devices AD7889 Datasheet HTML 22Page - Analog Devices AD7889 Datasheet HTML 23Page - Analog Devices AD7889 Datasheet HTML 24Page - Analog Devices AD7889 Datasheet HTML 25Page - Analog Devices AD7889 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 22 of 40
DETAILED REGISTER DESCRIPTIONS
All addresses and default values are expressed in hexadecimal.
Table 12. Control Register 1
Address
Bit Name
Data Bit
Description
Default Value
0x01
Disable PENIRQ
15
Pen interrupt enable.
0x0000
0 = PENIRQ is enabled.
1 = PENIRQ is disabled and INT is enabled.
CHNL ADD[2:0]
[14:12]
ADC channel address for manual conversion (ADC mode = 01).
111 = X+ input (Y position).
110 = Y+ input (X position).
101 = X+ (Z1) input for touch-pressure calculation.
100 = Y− (Z2) input (used for touch-pressure measurement).
011 = AUX input.1
010 = VBAT input.1
001 = temperature measurement.
000 = not applicable.
ADC MODE[1:0]
[11:10]
ADC mode.
00 = no conversion.
01 = single conversion.2
10 = conversion sequence (slave mode).2
11 = conversion sequence (master mode).
ACQ[1:0]
[9:8]
ADC acquisition time.
00 = 4 clock periods (2 µs).
01 = 8 clock periods (4 µs).
10 = 16 clock periods (8 µs).
11 = 32 clock periods (16 µs).
Note that the acquisition time does not apply to the temperature sensor
channels; the temperature channel has a constant settling time of 16 µs.
TMR[7:0]
[7:0]
Conversion interval timer.
Starts at 550 µs (00000001) and continues to 9.440 ms (11111111) in steps of
35 µs (see Table 18).
Note that, in slave mode, the conversion interval timer starts to count as soon
as the conversion sequence is finished; in master mode, it starts to count again
only if the screen remains touched. If the screen is released, the timer stops
counting and, on the next screen touch, a conversion starts immediately.
1 If GPIO is enabled in Control Register 2 (Bit 13), AUX and VBAT are both ignored. If AUX and VBAT are both selected in Control Register 3 and GPIO is disabled, AUX is
ignored and VBAT is measured.
2 Note that these bits are cleared to 00 at the end of the conversion sequence if the conversion interval timer bits in Control Register 1 (Address 0x01) Bits[7:0] = 0x00 at
the end of the conversion sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com