Electronic Components Datasheet Search
  English  ▼

X  

AD7889 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7889
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7889 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7889 Datasheet HTML 28Page - Analog Devices AD7889 Datasheet HTML 29Page - Analog Devices AD7889 Datasheet HTML 30Page - Analog Devices AD7889 Datasheet HTML 31Page - Analog Devices AD7889 Datasheet HTML 32Page - Analog Devices AD7889 Datasheet HTML 33Page - Analog Devices AD7889 Datasheet HTML 34Page - Analog Devices AD7889 Datasheet HTML 35Page - Analog Devices AD7889 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 32 of 40
SYNCHRONIZING THE AD7879/AD7889 TO THE
HOST CPU
The two methods for synchronizing the AD7879/AD7889 to the
host CPU are slave mode (in which the mode bits are set to 01
or 10) and master mode (in which the mode bits set to 11).
In master mode (ADC mode bits = 11), PENIRQ can be used
as an interrupt to the host. When PENIRQ goes low to indicate
that the screen has been touched, the host is awakened. The host
can then program the AD7879/AD7889 to convert in any mode
and read the results after the conversions are completed.
In master mode, INT or DAV can also be used as an interrupt to
the host. The host must first define a conversion sequence in
Control Register 3, initialize the AD7879/AD7889 in Mode 11,
and enable INT or DAV using Bit 15 in Control Register 1 and
Bit 13 in Control Register 3. The host can then enter sleep mode
to conserve power. The wake-up on touch feature of the AD7879/
AD7889 is active in this mode; therefore, when the screen is
touched, the programmed sequence of conversions automatically
begins. When the INT or DAV signal is asserted, the host reads
the new data available in the AD7879/AD7889 result registers and
returns to sleep mode. This method can significantly reduce the
load on the host.
Figure 38 shows how the PENIRQ circuit is enabled. The wake-up
on touch circuit and the PENIRQ circuit are enabled only in master
mode (ADC mode = 11). In slave mode, the PENIRQ/INT/DAV
pin can output only INT or DAV signals.
ADC MODE = 11?
MASTER MODE
0
1
0
1
DAV
(END OF CONVERSION SEQUENCE)
INT
(GPIO ALERT/OUT OF LIMITS)
INT/DAV/GPIO ALERT
TOUCH SCREEN TOUCHED
CONTROL REGISTER 3
BIT 13
CONTROL REGISTER 1
BIT 15
PENIRQ/INT/DAV PIN
TO THE DIGITAL CORE
ENABLE
WAKE-UP
ON TOUCH
ENABLE
PENIRQ
DETECTION
CIRCUIT
TOUCH SCREEN TOUCHED
YES
YES
Figure 38. Master Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com