Electronic Components Datasheet Search
  English  ▼

X  

AD7889 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7889
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7889 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7889 Datasheet HTML 24Page - Analog Devices AD7889 Datasheet HTML 25Page - Analog Devices AD7889 Datasheet HTML 26Page - Analog Devices AD7889 Datasheet HTML 27Page - Analog Devices AD7889 Datasheet HTML 28Page - Analog Devices AD7889 Datasheet HTML 29Page - Analog Devices AD7889 Datasheet HTML 30Page - Analog Devices AD7889 Datasheet HTML 31Page - Analog Devices AD7889 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD7879/AD7889
Data Sheet
Rev. D | Page 28 of 40
CONTROL REGISTER 2
Control Register 2 (Address 0x02) contains the ADC
power management bits, the GPIO settings, the SER/DFR bit
(to choose the single-ended or differential method of touch
screen measurement), the averaging and median filter settings,
a bit that allows resetting of the device, and the first conversion
delay bits. Its power-on default value is 0x4040. See the Detailed
Register Descriptions section for more information about the
control registers.
For information about the averaging and median filter settings,
see the Median and Averaging Filters section. For information
about the GPIO settings, see the GPIO section.
First Conversion Delay (Control Register 2, Bits[3:0])
The first conversion delay (FCD) bits in Control Register 2
program a delay from 128 μs (default) up to 4.096 ms before
the first conversion to allow the ADC time to power up. This
delay also occurs before conversion of the X and Y coordinate
channels to allow extra time for screen settling, and after the
last conversion in a sequence to precharge PENIRQ.
Table 22. First Conversion Delay Selection
FCD[3:0]
Delay
0000
128 μs
0001
256 μs
0010
384 μs
0011
512 μs
0100
640 μs
0101
768 μs
0110
896 μs
0111
1.024 ms
1000
1.152 ms
1001
1.280 ms
1010
1.536 ms
1011
1.792 ms
1100
2.048 ms
1101
2.560 ms
1110
3.584 ms
1111
4.096 ms
PM1
PM0
GPIO
EN
GPIO
DAT
GPIO
DIR
GPIO
POL
AVG1 AVG0 MED1 MED0
SW/
RST
FCD3 FCD2 FCD1 FCD0
0
15
SER/
DFR
Figure 31. Control Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com