Electronic Components Datasheet Search
  English  ▼

X  

AD7889 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7889
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7889 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7889 Datasheet HTML 19Page - Analog Devices AD7889 Datasheet HTML 20Page - Analog Devices AD7889 Datasheet HTML 21Page - Analog Devices AD7889 Datasheet HTML 22Page - Analog Devices AD7889 Datasheet HTML 23Page - Analog Devices AD7889 Datasheet HTML 24Page - Analog Devices AD7889 Datasheet HTML 25Page - Analog Devices AD7889 Datasheet HTML 26Page - Analog Devices AD7889 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 23 of 40
Table 13. Control Register 2
Address
Bit Name
Data Bit
Description
Default Value
0x02
PM[1:0]
[15:14]
ADC power management.
0x4040
00 = full shutdown; the ADC, oscillator, bias, and temperature sensor are all powered
down.
01 = analog blocks to be powered down depend on the ADC mode.
If ADC mode is master mode, the ADC, oscillator, bias, and temperature sensor are
powered down and must wake up when the user touches the screen.
If ADC mode is slave mode, the ADC and temperature sensor are powered down
when not being used. They wake up automatically when required. The oscillator and
bias are powered up because they are needed to measure time. This also applies to the
single-conversion mode.
10 = ADC, bias, and oscillator are powered up continuously, irrespective of ADC mode.
11 = same as 01.
GPIO EN
13
GPIO enable.
0 = AUX/VBAT channel active.
1 = GPIO enabled on AUX/VBAT/GPIO pin.
GPIO DAT
12
GPIO data bit.
GPIO DIR
11
GPIO direction.
0 = output.
1 = input.
GPIO POL
10
GPIO polarity.
0 = GPIO pin is active low.
1 = GPIO pin is active high.
SER/DFR
9
Selects normal (single-ended) or ratiometric (differential) conversion.
0 = ratiometric (differential).
1 = normal (single-ended).
AVG[1:0]
[8:7]
ADC averaging.
00 = 2 middle values averaged (one measurement when median filter is disabled).
01 = 4 middle values averaged.
10 = 8 middle values averaged.
11 = 16 values averaged.
MED[1:0]
[6:5]
Median filter size.
00 = median filter disabled.
01 = 4 measurements.
10 = 8 measurements.
11 = 16 measurements.
SW/RST
4
Software reset; digital logic is reset when this bit is set.
FCD[3:0]
[3:0]
ADC first conversion delay.1
Starts at 128 µs (default) and continues to 4.096 ms in steps of 128 µs (see Table 22).
1 This delay occurs before conversion of the X and Y coordinate channels (including Z1 and Z2) to allow screen settling and before the first conversion to allow the ADC
to power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com