Electronic Components Datasheet Search
  English  ▼

X  

AD7889 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7889
Description  Low Voltage Controller for Touch Screens
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7889 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7889 Datasheet HTML 25Page - Analog Devices AD7889 Datasheet HTML 26Page - Analog Devices AD7889 Datasheet HTML 27Page - Analog Devices AD7889 Datasheet HTML 28Page - Analog Devices AD7889 Datasheet HTML 29Page - Analog Devices AD7889 Datasheet HTML 30Page - Analog Devices AD7889 Datasheet HTML 31Page - Analog Devices AD7889 Datasheet HTML 32Page - Analog Devices AD7889 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Data Sheet
AD7879/AD7889
Rev. D | Page 29 of 40
Power Management (Control Register 2, Bits[15:14])
The power management (PM) bits in Control Register 2 allow the power management features of the ADC to be programmed (see Table 23).
If the PM bits are set to 00, the ADC is in full shutdown. This setting overrides any setting of the mode bits in Control Register 1. Power
management overrides the ADC modes.
Table 23. Power Management Selection
PM1
PM0
Function
0
0
Full shutdown; ADC, oscillator, bias, and temperature sensor are turned off. The only way to exit this
mode is to write to the device over the serial interface and change the PM bits. This setting overrides
any other setting on the device, including the ADC mode bits.
0
1
The analog blocks to be powered down depend on the ADC mode setting. In master mode, the ADC,
bias, temperature sensor, and oscillator are powered down and must wake up when the user touches
the screen. In slave mode, the ADC and temperature sensor are powered down when not being
used. They wake up automatically when required. The oscillator and bias are powered up because
they are needed to measure time. This setting also applies to the single-conversion mode.
1
0
The ADC, bias, and oscillator are powered up continuously, irrespective of ADC mode.
1
1
The analog blocks to be powered down depend on the ADC mode setting. In master mode, the ADC,
bias, temperature sensor, and oscillator are powered down and must wake up when the user touches
the screen. In slave mode, the ADC and temperature sensor are powered down when not being
used. They wake up automatically when required. The oscillator and bias are powered up because
they are needed to measure time. This setting also applies to the single-conversion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com