Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 35 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6650 Datasheet HTML 31Page - Analog Devices AD6650 Datasheet HTML 32Page - Analog Devices AD6650 Datasheet HTML 33Page - Analog Devices AD6650 Datasheet HTML 34Page - Analog Devices AD6650 Datasheet HTML 35Page - Analog Devices AD6650 Datasheet HTML 36Page - Analog Devices AD6650 Datasheet HTML 37Page - Analog Devices AD6650 Datasheet HTML 38Page - Analog Devices AD6650 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
AD6650
Rev. A | Page 34 of 44
Reg.
(Hex)
Mnemonic
Bit
Width
Description
Additional Information
B
DC Correction Control
20
Fine DCC control registers.
Power-up value is
20’b00000000000000000000
Code
Level (dBFS)
7
0
0 dBFS
1
−0.75 dBFS
2
−1.5 dBFS
.
.
.
.
126
−94.5 dBFS
19 to 13: Upper
Threshold
Fine DCC upper threshold. No new dc
estimation is made if the signal is above the
upper threshold.
127
−95.25 dBFS
5
0
0 dBFS
1
−6.02 dBFS
2
−12.04 dBFS
.
.
.
.
22
−132.44 dBFS
12 to 8: Lower Threshold
Fine DCC lower threshold. The maximum
range for the lower limit is 0 dBFS to
138.46 dBFS.
23
−138.46 dBFS
Code
Integration
Time
5
Fine DCC integration period.
1
21 × TS
2
22 × TS
3
23 × TS
.
.
.
.
30
230 × TS
31
231 × TS
7 to 3: Minimum Period
TS = sample
period
Code
Result
2: Bypass
1
Fine DCC bypass.
0
Update DCC
estimate
1
Keep old
estimate
1: Interpolate
1
0
Disabled
1
Enabled
Fine DCC interpolator reduces discontinuity
between the current dc estimate and the
new estimate.
0: Freeze
1
0
Disabled
Fine DCC freeze is used to hold the current
dc estimate.
1
Enabled
C
AGC Control 0
4
AGC Control Settings.
Code
Result
3: Force VGA Gain
1
0
Disabled
Force the VGA gain to a specific value. This
control line overrides the slow loop, fast
decay loop, and fast attack loop when
enabled.
1
Enable forced
gain mode
2: FD_Enable
1
Fast decay loop enable.
0
Disabled
1
Enable fast
decay loop
Code
Result
1: FA_Enable
1
Fast attack loop enable.
0
Disabled
1
Enable fast
attack loop
0: Reserved
1
Reserved.
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com