Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 26 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6650 Datasheet HTML 22Page - Analog Devices AD6650 Datasheet HTML 23Page - Analog Devices AD6650 Datasheet HTML 24Page - Analog Devices AD6650 Datasheet HTML 25Page - Analog Devices AD6650 Datasheet HTML 26Page - Analog Devices AD6650 Datasheet HTML 27Page - Analog Devices AD6650 Datasheet HTML 28Page - Analog Devices AD6650 Datasheet HTML 29Page - Analog Devices AD6650 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
AD6650
Rev. A | Page 25 of 44
SDO
SDO is the serial data output. Serial output data is shifted on
the rising edge of SCLK. On the next SCLK rising edge after an
SDFS, the MSB of the I data from the channel is shifted.
On every subsequent SCLK edge, a new piece of data is shifted
out on the SDO pin until the last bit of data is shifted out. The
last bit of data shifted is the LSB of the Q data from the channel.
SDO is three-stated when the serial port is outside its time slot.
This allows the AD6650 to share the SDIN of a DSP with other
AD6650s or other devices.
SDFS
SDFS is the serial data frame sync signal. SDFS is configured as
an output. SDFS is sampled on the falling edge of SCLK. When
SBM is sampled high, the chip functions as a serial bus master.
In this mode, the AD6650 is responsible for generating serial
control data. Four modes of that operation are set via Channel
Address 0x21, Bit 6 to Bit 5.
Serial Word Length
Bit 4 of Address 0x21 determines the length of the serial word
(I or Q). If this bit is set to 0, each word is 16 bits wide (16 bits
for I and 16 bits for Q). If this bit is set to 1, the serial words are
24 bits wide.
SDFS Modes
As mentioned in the Serial Data Frame Sync section, there are
three modes of operation.
Setting Bit 7 of Address 0x21 high indicates that Input Channel A
data is output on SDO0 and Input Channel B data is output on
SDO1. In this condition, there are three modes of operation.
(There are technically four modes, but Mode 0 and Mode 1 are
the same).
•
Mode 0 and Mode 1 (Address 0x21, Bits[6 :5] = 00;
Bit[7] = 1): The SDFS is valid for one complete clock cycle
prior to the data shift. This single pulse is valid for Output
Channel SDO0 and Output Channel SDO1. On the next
clock cycle, the AD6650 begins shifting out the digitally
processed data stream. Depending on the bit precision of
the serial configuration, either 16 bits or 24 bits of I data
are shifted out, followed by 16 bits or 24 bits of Q data.
•
Mode 2 (Address 0x21
, Bits[6:5] = 10; Bit[7] = 1): Because
both SDO0 and SDO1 are used, SDFS pulses high one
clock cycle prior to I data and also pulses high one clock
cycle prior to Q data for each corresponding input channel. In
this mode, there are two SFDS pulses per each output channel.
•
Mode 3 (Address 0x21
, Bits[6:5] = 11; Bit[7] = 1): The SDFS
is high while valid bits are being shifted. On SDO0, SDFS
remains high for 16 bits or 24 bits of I data, followed by
16 bits or 24 bits of Q data corresponding to Input Channel A.
For SDO1, SDFS remains high for 16 bits or 24 bits of I data,
followed by 16 bits or 24 bits of Q data corresponding to
Input Channel B. The SDFS bit goes high one complete
clock cycle before the first bit is shifted out of the AD6650.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com