Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 41 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6650 Datasheet HTML 37Page - Analog Devices AD6650 Datasheet HTML 38Page - Analog Devices AD6650 Datasheet HTML 39Page - Analog Devices AD6650 Datasheet HTML 40Page - Analog Devices AD6650 Datasheet HTML 41Page - Analog Devices AD6650 Datasheet HTML 42Page - Analog Devices AD6650 Datasheet HTML 43Page - Analog Devices AD6650 Datasheet HTML 44Page - Analog Devices AD6650 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
AD6650
Rev. A | Page 40 of 44
0x0A: Coarse DC Correction Control Register [3:0]
Address 0xA is the coarse dc correction control register. It is
used to enable the coarse correction with Bit 0 and to initiate
calibrations on Channel A and/or Channel B. Bit 3 and Bit 2 of
this register can be used to initiate coarse calibrations when the
device is running and can be used in conjunction with an
external switch if desired. Bit 1 is used to activate the internal
pseudorandom noise generator, which is useful for looking at
the digital filter response and performing the built-in self-test.
Table 23. Coarse DC Correction Control Functions
Bit No.
Description
3
Calibrate B
2
Calibrate A
1
PN_EN
0
CDCC enable
0xB: Fine DC Correction Filter [19:0]
The fine dc correction block is used to provide a good dc
correction for small signals that are under the range of the AGC
loop. Address 0xB has four parameters.
Table 24. Fine DC Correction Filter Functions
Bits
Description
19 to 13
Upper threshold
12 to 8
Lower threshold
7 to 3
Minimum period
2
Bypass
1
Interpolator enable
0
Freeze
Bit 19 to Bit 13
The upper threshold disables the fine dc correction algorithm for
large input signals that could potentially contain significant dc
content from the modulated data. This should be set below the
range of the AGC loop, which is equal to the requested level of
−36 dB. It should also be set above the uncorrected dc level so that
the fine DCC is guaranteed to range.
The upper threshold should be set low enough so that the dc
content is not estimated while the loop is ranging because the
changing gain distorts the estimate. Setting the upper threshold
lower also decreases effects from dc content in the signal such
as dc offset from modulated data with high correlations or
mobiles with LO feedthrough.
It is equally important not to set the upper threshold too low.
If the upper threshold is set so low that the desired signal is
consistently higher than this threshold, a new dc estimate, which
is necessary to compensate for power supply or temperature
drifts, will not occur. Therefore, a thorough understanding of
the signal statistics for the application is required.
As a guideline, the upper threshold should be set between
−40 dBFS and −70 dBFS. If it is set below −72 dBFS, the
uncorrected dc offset from the analog front end and coarse
correction can increase the effective minimum period because
the peak detectors in the fine dc correction block ranges off the
dc content as well as the signal of interest.
Bit 12 to Bit 8
The lower threshold determines where the minimum integration
period is used. When the peak of the input to the fine dc
correction block is lower than this level, the accumulators
average 2Min_period samples at the output rate (1 or 2 samples/symbol).
When the peak of the signal increases above this, the integration
periods increase by a factor of 4 for every 6 dB that the signal
power increases.
It should be noted that any dc content left after the coarse
correction can be seen by the fine dc correction peak detector
and causes the integration period to change. For example, if the
lower threshold is −96 dBFS and the dc content is −78 dBFS, the
signal is at least 18 dB larger; therefore, the integration period is
at least 64× (that is, 418/6) the minimum period.
The lower threshold can be set near the upper threshold to
provide a constant integration period of 2Min_period if desired.
Bit 7 to Bit 3
This interval is equal to 2Min_period. The minimum period
determines the integration period when the peak signal power
into the fine dc correction block is less than the lower threshold.
This can be used in combination with the lower threshold to
make sure there is enough integration to estimate the dc for
small signals.
If Min_period is 12, the period of integration for a signal with
power less than or equal to −96.32 dBFS is 4096 samples. For
each 6.02 dBFS increase in the signal power, the integration
period quadruples. The Min_period register can be programmed
from 1 to 31; 0 is not a valid value for this register.
Bit 2
This is the bypass bit that effectively shuts down the fine dc
correction block. When this bit is 1, no correction is performed.
Bit 1
This bit enables an interpolator that can smooth out the
updated estimate transition by a fixed interpolation by 256. This
is a linear interpolator that allows the correction block to gradually
shift between the old estimate and the new estimate to avoid
transients if there has been significant dc shift. If disabled, the
shift in correction values happens instantaneously, causing a
discontinuity in the signal; however, if the interpolator is enabled,
this shift occurs over 256 samples, preventing any large
discontinuities. The interpolator should not be enabled if
Min_period is set to less than 8 (a period of 256 samples). Use
of the interpolator is not recommended at this time, and this bit
should be set to 0.
Bit 0
When set to 1, this bit freezes the estimate of the dc correction
and resets the peak detector to the smallest possible signal state
(−138 dB peak signal). This way, the dc can be estimated once



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com