Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 1 Page - Analog Devices

  AD6650 Datasheet HTML 1Page - Analog Devices AD6650 Datasheet HTML 2Page - Analog Devices AD6650 Datasheet HTML 3Page - Analog Devices AD6650 Datasheet HTML 4Page - Analog Devices AD6650 Datasheet HTML 5Page - Analog Devices AD6650 Datasheet HTML 6Page - Analog Devices AD6650 Datasheet HTML 7Page - Analog Devices AD6650 Datasheet HTML 8Page - Analog Devices AD6650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
AD6650 Diversity IF-to-Baseband
GSM/EDGE Narrow-Band Receiver
AD6650
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2007 Analog Devices, Inc. All rights reserved.
FEATURES
116 dB dynamic range
Digital VGA
I/Q demodulators
Active low-pass filters
Dual wideband ADC
Programmable decimation and channel filters
VCO and phase-locked loop circuitry
Serial data output ports
Intermediate frequencies of 70 MHz to 260 MHz
10 dB noise figure
+43 dBm input IP2 at 70 MHz IF
−9.5 dBm input IP3 at 70 MHz IF
3.3 V I/O and CMOS core
Microprocessor interface
JTAG boundary scan
APPLICATIONS
PHS or GSM/EDGE single carrier, diversity receivers
Microcell and picocell systems
Wireless local loop
Smart antenna systems
Software radios
In-building wireless telephony
PRODUCT DESCRIPTION
The AD6650 is a diversity intermediate frequency-to-baseband
(IF-to-baseband) receiver for GSM/EDGE. This narrow-band
receiver consists of an integrated DVGA, IF-to-baseband I/Q
demodulators, low-pass filtering, and a dual wideband ADC.
The chip can accommodate IF input from 70 MHz to 260 MHz.
The receiver architecture is designed such that only one external
surface acoustic wave (SAW) filter for main and one for diversity
are required in the entire receive signal path to meet GSM/EDGE
blocking requirements.
Digital decimation and filtering circuitry provided on-chip
remove unwanted signals and noise outside the channel of
interest. Programmable RAM coefficient filters allow antialiasing,
matched filtering, and static equalization functions to be combined
in a single cost-effective filter. The output of the channel filters
is provided to the user via serial output I/Q data streams.
FUNCTIONAL BLOCK DIAGRAM
PROG.
FIR
(RCF)
4TH
ORDER
CIC
7TH
ORDER
IIR
LP
FILTER
AGC
RELIN
CTRL
COARSE
DCC
REF
/4
JTAG
PLL/
VCO
SERIAL
PORT
MUX
LPF
TWEAK GAIN
I
Q
0
90
12-BIT
ADC
DAC
FINE
DCC
BIST
SCLK
SDFS
SDO0
SDO1
DR
LPF
PROG.
FIR
(RCF)
4TH
ORDER
CIC
7TH
ORDER
IIR
COARSE
DCC
MUX
LPF
Q
I
12-BIT
ADC
FINE
DCC
BIST
LP
FILTER
AGC
RELIN
CTRL
TWEAK GAIN
LPF
VGA
VGA
AIN
AIN
BIN
BIN
CPOUT
VLDO
LF
DAC
MICRO
CLK
DIVIDER
AD6650 GSM/
EDGE IF RECEIVER
Figure 1.


Similar Part No. - AD6650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
Diversity IF to Baseband GSM/EDGE Narrowband Receiver
AD6650/PCB AD-AD6650/PCB Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650ABC AD-AD6650ABC Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650ABCZ2 AD-AD6650ABCZ2 Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650BBC AD-AD6650BBC Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
More results

Similar Description - AD6650

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6162SC PANASONIC-AN6162SC Datasheet
213Kb / 5P
Narrow Band FM Receiver Circuit
logo
Analog Devices
AD6650 AD-AD6650_07 Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
logo
List of Unclassifed Man...
RWS-434N-2 ETC2-RWS-434N-2 Datasheet
961Kb / 5P
Wireless Narrow Band Receiver Module
RWS-434N-3 ETC2-RWS-434N-3 Datasheet
957Kb / 5P
Wireless Narrow Band Receiver Module
RWS-434N-6 ETC2-RWS-434N-6 Datasheet
957Kb / 5P
Wireless Narrow Band Receiver Module
RWS-438-1 ETC2-RWS-438-1 Datasheet
302Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-2 ETC2-RWS-438-2 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-3 ETC2-RWS-438-3 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-4 ETC2-RWS-438-4 Datasheet
290Kb / 3P
Wireless Narrow Band Receiver Module
RWS-438-6 ETC2-RWS-438-6 Datasheet
302Kb / 3P
Wireless Narrow Band Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com