Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6650 Datasheet HTML 28Page - Analog Devices AD6650 Datasheet HTML 29Page - Analog Devices AD6650 Datasheet HTML 30Page - Analog Devices AD6650 Datasheet HTML 31Page - Analog Devices AD6650 Datasheet HTML 32Page - Analog Devices AD6650 Datasheet HTML 33Page - Analog Devices AD6650 Datasheet HTML 34Page - Analog Devices AD6650 Datasheet HTML 35Page - Analog Devices AD6650 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
AD6650
Rev. A | Page 31 of 44
Table 14. Microport Instructions
Instruction
Description
0xxx
All chips obtain access.
1000
All chips with Chip_ID [1:0] = x0 obtain access.1
1001
All chips with Chip_ID [1:0] = x1 obtain access.1
1100
All chips with Chip_ID [1:0] = 00 obtain access.1
1101
All chips with Chip_ID [1:0] = 01 obtain access.1
1110
All chips with Chip_ID [1:0] = 10 obtain access.1
1111
All chips with Chip_ID [1:0] = 11 obtain access.1
1 Bits A[9:8] control which channel is decoded for the access.
For SF2, Bit 0 prompts the startup block to run the start hold-
off counter from the value programmed in the start holdoff
counter control register and to issue a sync when this task is
complete. Bit 4 to Bit 6 are used to enable syncs to individual
blocks in the channels.
DATA ADDRESS REGISTERS
External Addresses [2:0] form Data Register DR2, Data Register
DR1, and Data Register DR0, respectively. All internal data-
words have widths that are less than or equal to 22 bits. Access
to DR0 triggers an internal access to the AD6650 based on the
address indicated in ACR and CAR. Therefore, during writes to
the internal registers, DR0 must be written last. At this point,
data is transferred to the internal memory location indicated in
A[9:0]. Reads are performed in the reverse sequence. Once the
address is set, DR0 must be the first data register read to initiate
an internal access. DR2 is only six bits wide. Data written to the
upper two bits of this register is ignored. Likewise, reading from
this register produces only 6 LSBs.
WRITE SEQUENCING
Writing to an internal location is achieved by first writing the
upper two bits of the address into Bit 1 and Bit 0 of the ACR
(these bits should be set low). Bits[5:2] can be set to select the
chips for access as indicated above. The CAR is then written
with the lower eight bits of the internal address (it does not
matter if the CAR is written to before the ACR, as long as both
are written to before the internal access). DR2 and DR1 must be
written first because the write to Data Register DR0 triggers the
internal access. DR0 must always be the last register written to
initiate the internal write.
READ SEQUENCING
Reading from the microport is accomplished in the same
manner. The internal address is set up the same way as it is for a
write. A read from DR0 activates the internal read; therefore,
DR0 must be read first to initiate an internal read followed by
reads from DR1 and DR2.
READ/WRITE CHAINING
The microport of the AD6650 allows multiple accesses while CS
is held low (CS can be tied permanently low if the microport is
not shared with additional devices). The user can access
multiple locations by pulsing the WR or RD line and changing
the contents of the external 3-bit address bus. Access to the
external registers listed in Table 13 is accomplished in one of
two modes using the CS, RD, WR, and MODE inputs. The
access modes are INM mode and MNM mode. These modes
are controlled by the MODE input (MODE = 0 for INM,
MODE = 1 for MNM). CS, RD, and WR control the access type
for each mode.
PROGRAMMING MODES
The AD6650 can be programmed using several different modes.
These modes include two microport modes, INM mode and
MNM mode. The programming mode is selected by setting the
MODE pins. Table 15 identifies how to set the MODE pins to
select the desired programming mode.
Table 15. Programming Modes
MODE [2:0]
Description
000
Microport Intel nonmultiplexed mode
001
Microport Motorola nonmultiplexed mode
010
Reserved
011
Reserved
100
Reserved
101
Reserved
110
Reserved
111
Reserved
Intel Nonmultiplexed Mode (INM)
Setting the mode word bits to 000 places the AD6650 in INM
mode. The access is controlled by the user with the CS, RD (DS),
and WR (R/W) inputs. The RDY (DTACK) signal is produced
by the microport to communicate to the user that an access has
been completed. RDY (DTACK) goes low at the start of the access
and is released when the internal cycle is complete. See Figure 10
and Figure 11 for INM mode read and write timing.
Motorola Nonmultiplexed Mode (MNM)
Setting the mode word bits to 001 places the AD6650 in MNM
mode. The access type is controlled by the user with the CS, DS
(RD), and R/W (WR) inputs. The DTACK (RDY) signal is
generated by the microport to signal the user that an access has
been completed. DTACK (RDY) goes low when an internal access
is complete and returns high after DS (RD) is deasserted. See
Figure 12 and Figure 13 for MNM mode read and write timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com