Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 44 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6650 Datasheet HTML 37Page - Analog Devices AD6650 Datasheet HTML 38Page - Analog Devices AD6650 Datasheet HTML 39Page - Analog Devices AD6650 Datasheet HTML 40Page - Analog Devices AD6650 Datasheet HTML 41Page - Analog Devices AD6650 Datasheet HTML 42Page - Analog Devices AD6650 Datasheet HTML 43Page - Analog Devices AD6650 Datasheet HTML 44Page - Analog Devices AD6650 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
AD6650
Rev. A | Page 43 of 44
0x22: Autocalibration Register [3:0]
Address 0x22 is the autocalibration register and controls the
automatic coarse dc autocalibration at start-up.
Bit 3
Reserved. This bit should be set to 0.
Bit 2
Reserved. This bit should be set to 1.
Bit 1
Determines whether to power down the VGA and mixer on a
coarse calibration. This should be set to 0 to allow the state
machine to power down the VGA and mixer. If it is known that
there is no dc input into the part, this can be set to 1 to improve
the correction performance, which allows more flexibility in
setting the lower threshold.
Bit 0
Enables the autocalibration. This should be set to 1 for
the calibration to run automatically. Then the AD6650 waits
approximately 20.63 ms after a Soft_SYNC or Pin_SYNC
enables the part and then runs a coarse dc calibration. This
allows some warm-up time for the analog path to thermally
stabilize.
0x23 to 0x3F: Reserved
These registers must not be written.
0x40 to 0x6F: Coefficient Memory
This memory is utilized to store up to forty-eight 20-bit RCF
coefficients shared by Channel A and Channel B.
0x70 to 0xFF: Reserved
These registers must not be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com