Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 4 Page - Analog Devices

  AD6650 Datasheet HTML 1Page - Analog Devices AD6650 Datasheet HTML 2Page - Analog Devices AD6650 Datasheet HTML 3Page - Analog Devices AD6650 Datasheet HTML 4Page - Analog Devices AD6650 Datasheet HTML 5Page - Analog Devices AD6650 Datasheet HTML 6Page - Analog Devices AD6650 Datasheet HTML 7Page - Analog Devices AD6650 Datasheet HTML 8Page - Analog Devices AD6650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AD6650
Rev. A | Page 3 of 44
SPECIFICATIONS
EXPLANATION OF TEST LEVELS
I. 100% production tested.
II. 100% production tested at 25°C; sample tested at specified temperatures.
III. Sample tested only.
IV. Parameter guaranteed by design and analysis.
V. Parameter is typical value only.
VI. 100% production tested at 25°C; sample tested at temperature extreme.
VII. 100% production tested at +85°C.
CLOAD = 40 pF on all outputs, unless otherwise specified. All timing specifications valid over VDD range of 3.0 V to 3.45 V and VDDIO
range of 3.0 V to 3.45 V.
AC SPECIFICATIONS
AVDD and DVDD = 3.3 V, CLK = 52 MSPS (driven differentially), 50% duty cycle, unless otherwise noted. All minimum ac
specifications are guaranteed from −25°C to +85°C. AC minimum specifications degrade slightly from −25°C to −40°C.
Table 1.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
Full
V
70
260
MHz
GAIN CONTROL
Gain Step Size
25°C
V
0.094
dB
Gain Step Accuracy
25°C
V
±0.047
dB
AGC Range
25°C
V
36
dB
BASEBAND FILTERS
Bandwidth
Full
IV
3.36
3.5
3.64
MHz
Alias Rejection at 25.9 MHz
25°C
V
77
dB
LO PHASE NOISE
At 10 kHz Offset
25°C
V
−79
dBc/Hz
At 20 kHz Offset
25°C
V
−87
dBc/Hz
At 50 kHz Offset
25°C
V
−103
dBc/Hz
At 100 kHz Offset
25°C
V
−112
dBc/Hz
At 200 kHz Offset
25°C
V
−119
dBc/Hz
At 400 kHz Offset
25°C
V
−125
dBc/Hz
At 600 kHz Offset
25°C
V
−130
dBc/Hz
At 800 kHz Offset
25°C
V
−133
dBc/Hz
At 1600 kHz Offset
25°C
V
−138
dBc/Hz
At 3000 kHz Offset
25°C
V
−143
dBc/Hz
GAIN ERROR
25°C
V
−0.7
dB
PSRR (AVDD with 20 mV RMS Ripple)1
At 5 kHz
25°C
V
−13.4
dBc
At 10 kHz
25°C
V
−17
dBc
At 50 kHz
25°C
V
−34
dBc
At 100 kHz
25°C
V
−39.8
dBc
At 150 kHz
25°C
V
−45.7
dBc
f = 70 MHz
Coarse DC Correction
V
−70
dB
Noise Figure2
V
10
dB
Input IP22
Full
IV
24
43
dBm
Input IP32
Full
IV
−15
−9.5
dBm
Image Rejection
Full
IV
−49
−33
dBc
Full-Scale Input Power
V
4
dBm
Input Impedance
V
189.6 − j33.6
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com