Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 33 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6650 Datasheet HTML 29Page - Analog Devices AD6650 Datasheet HTML 30Page - Analog Devices AD6650 Datasheet HTML 31Page - Analog Devices AD6650 Datasheet HTML 32Page - Analog Devices AD6650 Datasheet HTML 33Page - Analog Devices AD6650 Datasheet HTML 34Page - Analog Devices AD6650 Datasheet HTML 35Page - Analog Devices AD6650 Datasheet HTML 36Page - Analog Devices AD6650 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
AD6650
Rev. A | Page 32 of 44
JTAG BOUNDARY SCAN
The AD6650 supports a subset of the IEEE Standard 1149.1
specification. For details of the standard, see the IEEE Standard
Test Access Port and Boundary-Scan Architecture, an IEEE-1149
publication.
The AD6650 has five pins associated with the JTAG interface.
These pins, listed in Table 16, are used to access the on-chip test
access port. All input JTAG pins are pull-ups except TCLK,
which is a pull-down.
Table 16. Boundary Scan Test Pins
Mnemonic
Description
TRST
Test access port reset
TCLK
Test clock
TMS
Test access port mode select
TDI
Test data input
TDO
Test data output
The AD6650 supports three op codes, listed in Table 17. These
instructions set the mode of the JTAG interface.
Table 17. Boundary Scan Op Codes
Instruction
Op Code
Bypass
11
Sample/Preload
01
Extest
00
A boundary scan description language (BSDL) file for this device is
available. Contact an Analog Devices sales representative for
more information.
Bypass (2'b11)
The bypass instruction allows the IC to remain in normal
functional mode and selects a 1-bit bypass register between TDI
and TDO. During this instruction, serial data is transferred
from TDI to TDO without affecting operation of the IC.
Sample/Preload (2'b01)
The sample/preload instruction allows the IC to remain in
normal functional mode and selects the boundary scan register
to be connected between TDI and TDO. The boundary scan
register can be accessed by a scan operation to take a sample of
the functional data entering and leaving the IC. Also, test data
can be preloaded into the boundary-scan register before an
extest instruction.
Extest (2'b00)
The extest instruction places the IC into an external boundary-
test mode and selects which boundary scan register is connected
between TDI and TDO. During this operation, the boundary
scan register is accessed to drive test data off-chip via boundary
outputs and receive test data off-chip from boundary inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com