Electronic Components Datasheet Search
  English  ▼

X  

AD6650 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6650
Description  GSM/EDGE Narrow-Band Receiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6650 Datasheet HTML 2Page - Analog Devices AD6650 Datasheet HTML 3Page - Analog Devices AD6650 Datasheet HTML 4Page - Analog Devices AD6650 Datasheet HTML 5Page - Analog Devices AD6650 Datasheet HTML 6Page - Analog Devices AD6650 Datasheet HTML 7Page - Analog Devices AD6650 Datasheet HTML 8Page - Analog Devices AD6650 Datasheet HTML 9Page - Analog Devices AD6650 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AD6650
Rev. A | Page 5 of 44
ELECTRICAL CHARACTERISTICS
Table 3.
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
LOGIC INPUTS
Logic Compatibility
Full
IV
3.3 V CMOS
Digital Logic
Logic 1 Voltage
Full
IV
2.0
VDD
V
Logic 0 Voltage
Full
IV
0
0.8
V
Logic 1 Current
25°C
V
60
μA
Logic 0 Current
25°C
V
7
μA
Input Capacitance
25°C
V
5
pF
CLOCK INPUTS
Differential Input Voltage1
25°C
V
0.4
3.6
V p-p
Common-Mode Input Voltage
25°C
V
DVDD/2
V
Differential Input Resistance
25°C
V
7.5
kΩ
Differential Input Capacitance
25°C
V
5
pF
LOGIC OUTPUTS
Logic Compatibility
Full
3.3 V CMOS/TTL
Logic 1 Voltage (IOH = 0.25 mA)
Full
IV
2.4
VDD − 0.2
V
Logic 0 Voltage (IOL = 0.25 mA)
Full
IV
0.2
0.8
V
IDD SUPPLY CURRENT
CLK = 52 MHz (GSM Example)
IDVDD
Full
VII
155
mA
IAVDD
Full
VII
360
mA
POWER DISSIPATION
CLK = 52 MHz (GSM/EDGE Example)
Full
VII
1.7
2.1
W
1 All ac specifications are tested by driving CLK and CLK differentially.
GENERAL TIMING CHARACTERISTICS
Table 4.
Parameter (Conditions)
Symbol
Temp
Test Level
Min
Typ
Max
Unit
CLK TIMING REQUIREMENTS
CLK Period1
tCLK
Full
I
9.6
19.2
ns
CLK Width Low
tCLKL
Full
IV
0.5 × tCLK
ns
CLK Width High
tCLKH
Full
IV
0.5 × tCLK
ns
RESET TIMING REQUIREMENTS
RESET Width Low
tSSF
Full
IV
30
ns
PIN_SYNC TIMING REQUIREMENTS
SYNC to
↑ CLK Setup Time
tSS
Full
IV
−3
ns
SYNC to
↑ CLK Hold Time
tHS
Full
IV
6
ns
SERIAL PORT TIMING REQUIREMENTS: SWITCHING CHARACTERISTICS2
↑ CLK to ↑ SCLK Delay (Divide-by-1)
tDSCLK1
Full
IV
3.2
12.5
ns
↑ CLK to ↑ SCLK Delay (For Any Other Divisor)
tDSCLKH
Full
IV
4.4
16
ns
↑ CLK to ↓ SCLK Delay (Divide-by-2 or Even Number)
tDSCLKL
Full
IV
4.7
16
ns
↓ CLK to ↓ SCLK Delay (Divide-by-3 or Odd Number)
tDSCLKLL
Full
IV
4
14
ns
↑ SCLK to SDFS Delay
tDSDFS
Full
IV
1
2.6
ns
↑ SCLK to SDO0 Delay
tDSDO0
Full
IV
0.5
3.5
ns
↑ SCLK to SDO1 Delay
tDSDO1
Full
IV
0.5
3.5
ns
↑ SCLK to DR Delay
tDSDR
Full
IV
1
3.5
ns
1 Minimum specification is based on a 104 MSPS clock rate (an internal divide-by-2 must be used with a 104 MSPS clock rate); maximum specification is based on a
52 MSPS clock rate. This device is optimized to operate at a clock rate of 52 MSPS or 104 MSPS.
2 The timing parameters for SCLK, SDFS, SDO0, SDO1, and DR apply to both Channel 0 and Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com