Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 48 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD6679 Datasheet HTML 44Page - Analog Devices AD6679 Datasheet HTML 45Page - Analog Devices AD6679 Datasheet HTML 46Page - Analog Devices AD6679 Datasheet HTML 47Page - Analog Devices AD6679 Datasheet HTML 48Page - Analog Devices AD6679 Datasheet HTML 49Page - Analog Devices AD6679 Datasheet HTML 50Page - Analog Devices AD6679 Datasheet HTML 51Page - Analog Devices AD6679 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 47 of 81
NCO FREQUENCY TUNING WORD (FTW) SELECTION
12-BIT NCO FTW = MIXING FREQUENCY/ADC SAMPLE RATE × 4096
QUADRATURE ANALOG MIXER +
2 ADCs + QUADRATURE DIGITAL
MIXER + NCO
COMPLEX INPUT—SAMPLED AT
fS
–
fS/2
–
fS/3
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/3
fS/2
–
fS/16
–
fS/32
fS/32
–
fS/32
fS/32
DC
DC
12-BIT NCO FTW =
ROUND ((
fS/3)/fS × 4096) = +1365 (0x555)
BANDWIDTH OF
INTEREST
POSITIVE FTW VALUES
IMAGE DUE TO
ANALOG I/Q
MISMATCH
REAL
I
Q
QUADRATURE MIXER
I
Q
I
–
+
Q
Q
I
Q
+
+
Q
I
I
COMPLEX
I
Q
ADC
SAMPLING
AT
fS
ADC
SAMPLING
AT
fS
90°
PHASE
12-BIT
NCO
90°
0°
Figure 66. DDC NCO Frequency Tuning Word Selection—Complex Inputs
DDC NCO PLUS MIXER LOSS AND SFDR
When mixing a real input signal down to baseband, 6 dB of loss
is introduced in the signal due to filtering of the negative image.
The NCO introduces an additional 0.05 dB of loss. The total
loss of a real input signal mixed down to baseband is 6.05 dB.
For this reason, it is recommended to compensate for this loss
by enabling the 6 dB of gain in the gain stage of the DDC to
recenter the dynamic range of the signal within the full scale of
the output bits.
When mixing a complex input signal down to baseband, the
maximum value each I/Q sample can reach is 1.414 × full scale
after it passes through the complex mixer. To avoid an
overrange of the I/Q samples and to keep the data bit-widths
aligned with real mixing, 3.06 dB of loss is introduced in the
mixer for complex signals. The NCO introduces an additional
0.05 dB of loss. The total loss of a complex input signal mixed
down to baseband is −3.11 dB.
The worst case spurious signal from the NCO is greater than
102 dBc SFDR for all output frequencies.
NUMERICALLY CONTROLLED OSCILLATOR
The AD6679 has a 12-bit NCO for each DDC that enables the
frequency translation process. The NCO allows the input
spectrum to be tuned to dc, where it can be effectively filtered
by the subsequent filter blocks to prevent aliasing. The NCO
can be set up by providing a frequency tuning word (FTW) and
a phase offset word (POW).
Setting Up the NCO FTW and POW
The NCO frequency value is given by the 12-bit, twos
complement number entered in the NCO FTW. Frequencies
between −fS/2 and +fS/2 (fS/2 excluded) are represented using
the following frequency words:
0x800 represents a frequency of −fS/2.
0x000 represents dc (frequency is 0 Hz).
0x7FF represents a frequency of +fS/2 − fS/212.
Calculate the NCO frequency tuning word using the following
equation:



S
S
C
f
f
f
FTW
NCO
,
mod
2
round
_
12
where:
NCO_FTW is a 12-bit, twos complement number representing
the NCO FTW.
fC is the desired carrier frequency in Hz.
fS is the AD6679 sampling frequency (clock rate) in Hz.
mod( ) is a remainder function. For example, mod(110,100) =
10 and for negative numbers, mod(−32,10) = −2.
round( ) is a rounding function. For example, round(3.6) = 4
and for negative numbers, round(−3.4) = −3.
Note that this equation applies to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com