Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 68 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD6679 Datasheet HTML 64Page - Analog Devices AD6679 Datasheet HTML 65Page - Analog Devices AD6679 Datasheet HTML 66Page - Analog Devices AD6679 Datasheet HTML 67Page - Analog Devices AD6679 Datasheet HTML 68Page - Analog Devices AD6679 Datasheet HTML 69Page - Analog Devices AD6679 Datasheet HTML 70Page - Analog Devices AD6679 Datasheet HTML 71Page - Analog Devices AD6679 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 67 of 81
TEST MODES
ADC TEST MODES
The AD6679 has various test options that aid in the system level
implementation. The AD6679 has ADC test modes that are
available in Register 0x550. These test modes are described in
Table 38. When an output test mode is enabled, the analog
section of the ADC is disconnected from the digital back-end
blocks and the test pattern is run through the output formatting
block. Some of the test patterns are subject to output formatting,
and some are not. The PN generators from the PN sequence
tests can be reset by setting Bit 4 or Bit 5 of Register 0x550.
These tests can be performed with or without an analog signal
(if present, the analog signal is ignored); however, they do
require an encode clock.
If the application mode has been set to select a DDC mode of
operation, the test modes must be enabled for each DDC
enabled. The test patterns can be enabled via Bit 2 and Bit 0 of
Register 0x327, Register 0x347, Register 0x367, and Register 0x387,
depending on which DDC(s) have been selected. The (I) output
data uses the test patterns selected for Channel A and the (Q)
output data uses the test patterns selected for Channel B. For
more information, see the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI.
Table 38. ADC Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default/Seed
Value
Sample (N, N + 1, N + 2, …)
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
00 0000 0000 0000
Not applicable
Not applicable
0010
Positive Full-scale
short
01 1111 1111 1111
Not applicable
Not applicable
0011
Negative Full-scale
short
10 0000 0000 0000
Not applicable
Not applicable
0100
Checkerboard
10 1010 1010 1010
Not applicable
0x1555, 0x2AAA, 0x1555, 0x2AAA, 0x1555
0101
PN sequence, long
x23 + x18 + 1
0x3AFF
0x3FD7, 0x0002, 0x26E0, 0x0A3D, 0x1CA6
0110
PN sequence, short
x9 + x5 + 1
0x0092
0x125B, 0x3C9A, 0x2660, 0x0c65, 0x0697
0111
One-/zero-word
toggle
11 1111 1111 1111
Not applicable
0x0000, 0x3FFF, 0x0000, 0x3FFF, 0x0000
1000
User input
Register 0x551 to
Register 0x558
Not applicable
For repeat mode: User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2], User Pattern 1[15:2]…
For single mode: User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2], 0x0000…
1111
Ramp output
(x) % 214
Not applicable
(x) % 214, (x + 1) % 214, (x + 2) % 214, (x + 3) % 214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com