Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 81 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 81 Page - Analog Devices

Back Button AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices AD6679 Datasheet HTML 77Page - Analog Devices AD6679 Datasheet HTML 78Page - Analog Devices AD6679 Datasheet HTML 79Page - Analog Devices AD6679 Datasheet HTML 80Page - Analog Devices AD6679 Datasheet HTML 81Page - Analog Devices AD6679 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 80 of 81
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The AD6679 must be powered by the following six supplies:
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, DVDD =
1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V. For applications
requiring an optimal high power efficiency and low noise
performance, it is recommended that the ADP2164 and
ADP2370 switching regulators be used to convert the 3.3 V,
5.0 V, or 12 V input rails to an intermediate rail (1.8 V and
3.8 V). These intermediate rails are then postregulated by very
low noise, low dropout (LDO) regulators (ADP1741, ADM7172,
and ADP125). Figure 87 shows the recommended method.
For more detailed information on the recommended power
solution, see the AD6679 evaluation board wiki, Evaluating the
AD6679 IF Diversity Receiver.
AVDD1
1.25V
DVDD
1.25V
SPIVDD
(1.8V OR 3.3V)
3.6V
3.3V
DRVDD
1.25V
1.8V
ADP1741
ADP125
AVDD3
3.3V
ADM7172
OR
ADP1741
AVDD2
2.5V
ADP1741
Figure 87. High Efficiency, Low Noise Power Solution for the AD6679
It is not necessary to split all of these power domains in all
cases. The recommended solution shown in Figure 87 provides
the lowest noise, highest efficiency power delivery system for
the AD6679. If only one 1.25 V supply is available, it must be
routed to AVDD1 first and then tapped off and isolated with a
ferrite bead or a filter choke preceded by decoupling capacitors
for SPIVDD, DVDD, and DRVDD, in that order. The user can
use several different decoupling capacitors to cover both high
and low frequencies. These capacitors must be located close to
the point of entry at the PCB level and close to the devices, with
minimal trace lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com