Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 5 Page - Analog Devices

  AD6679 Datasheet HTML 1Page - Analog Devices AD6679 Datasheet HTML 2Page - Analog Devices AD6679 Datasheet HTML 3Page - Analog Devices AD6679 Datasheet HTML 4Page - Analog Devices AD6679 Datasheet HTML 5Page - Analog Devices AD6679 Datasheet HTML 6Page - Analog Devices AD6679 Datasheet HTML 7Page - Analog Devices AD6679 Datasheet HTML 8Page - Analog Devices AD6679 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
AD6679
Data Sheet
Rev. B | Page 4 of 81
The analog input and clock signals are differential inputs. The
ADC data outputs are internally connected to four DDCs
through a crossbar mux. Each DDC consists of up to five
cascaded signal processing stages: a 12-bit frequency translator
(NCO) and up to four half-band decimation filters.
Each ADC output is connected internally to an NSR block. The
integrated NSR circuitry allows improved SNR performance in
a smaller frequency band within the Nyquist bandwidth. The
device supports two different output modes, selectable via the
serial port interface (SPI). With the NSR feature enabled, the
outputs of the ADCs are processed such that the AD6679 supports
enhanced SNR performance within a limited portion of the
Nyquist bandwidth while maintaining a 9-bit output resolution.
Each ADC output is also connected internally to a VDR block.
This optional mode allows full dynamic range for defined input
signals. Inputs that are within a defined mask (based on DPD
applications) pass unaltered. Inputs that violate this defined
mask result in the reduction of the output resolution.
With VDR, the dynamic range of the observation receiver is
determined by a defined input frequency mask. For signals
falling within the mask, the outputs are presented at the
maximum resolution allowed. For signals exceeding defined
power levels within this frequency mask, the output resolution
is truncated. This mask is based on DPD applications and
supports tunable real IF sampling, and zero IF or complex IF
receive architectures.
Operation of the AD6679 between the DDC, NSR, and VDR
modes is selectable via SPI-programmable profiles.
In addition to the DDC blocks, the AD6679 has several functions
that simplify the AGC function in a communications receiver.
The programmable threshold detector allows monitoring of the
incoming signal power using the fast detect control bits in
Register 0x245 of the ADC. If the input signal level exceeds the
programmable threshold, the fast detect indicator goes high.
Because this threshold indicator has low latency, the user can
quickly reduce the system gain to avoid an overrange condition
at the ADC input. In addition to the fast detect outputs, the
AD6679 also offers signal monitoring capability. The signal
monitoring block provides additional information about the
signal that the ADC digitized.
The output data is routed directly to the one external
14-bit LVDS output port, supporting double data rate (DDR)
formatting. An external data clock and a clock status bit are offered
for data capture flexibility.
The AD6679 has flexible power-down options that allow
significant power savings when desired. All of these features can
be programmed using a 1.8 V capable 3-wire SPI.
The AD6679 is available in a Pb-free, 196-ball BGA_ED, and is
specified over the −40°C to +85°C industrial temperature range.
PRODUCT HIGHLIGHTS
1.
Wide full power bandwidth IF sampling of signals up to
2 GHz.
2.
Buffered inputs with programmable input termination
eases filter design and implementation.
3.
Four integrated wideband decimation filters and NCO
blocks support multiband receivers.
4.
Flexible SPI controls various product features and
functions to meet specific system requirements.
5.
Programmable fast overrange detection and signal
monitoring.
6.
Programmable fast overrange detection.
7.
12 mm × 12 mm, 196-ball BGA_ED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com