Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 50 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD6679 Datasheet HTML 46Page - Analog Devices AD6679 Datasheet HTML 47Page - Analog Devices AD6679 Datasheet HTML 48Page - Analog Devices AD6679 Datasheet HTML 49Page - Analog Devices AD6679 Datasheet HTML 50Page - Analog Devices AD6679 Datasheet HTML 51Page - Analog Devices AD6679 Datasheet HTML 52Page - Analog Devices AD6679 Datasheet HTML 53Page - Analog Devices AD6679 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 49 of 81
FIR FILTERS
OVERVIEW
There are four sets of decimate by 2, low-pass, half-band, FIR
filters (labeled HB1 FIR, HB2 FIR, HB3 FIR, and HB4 FIR in
Figure 63) following the frequency translation stage. After the
carrier of interest is tuned down to dc (carrier frequency =
0 Hz), these filters efficiently lower the sample rate, while
providing sufficient alias rejection from unwanted adjacent
carriers around the bandwidth of interest.
HB1 FIR is always enabled and cannot be bypassed. The HB2,
HB3, and HB4 FIR filters are optional and can be bypassed for
higher output sample rates.
Table 20 shows the different bandwidths selectable by including
different half-band filters. In all cases, the DDC filtering stage
on the AD6679 provides <−0.001 dB of pass-band ripple and
>100 dB of stop band alias rejection.
Table 21 shows the amount of stop-band alias rejection for
multiple pass-band ripple/cutoff points. The decimation ratio of
the filtering stage of each DDC can be controlled individually
through Bits[1:0] of the DDC control registers (Register 0x310,
Register 0x330, Register 0x350, and Register 0x370).
HALF-BAND FILTERS
The AD6679 offers four half-band filters to enable digital signal
processing of the ADC converted data. These half-band filters
are bypassable and can be individually selected.
HB4 Filter
The first decimate by 2, half-band, low-pass, FIR filter (HB4)
uses an 11-tap, symmetrical, fixed coefficient filter implementa-
tion that is optimized for low power consumption. The HB4
filter is used only when complex outputs (decimate by 16) or
real outputs (decimate by 8) are enabled; otherwise, it is
bypassed. Table 19 and Figure 67 show the coefficients and
response of the HB4 filter.
Table 19. HB4 Filter Coefficients
HB4 Coefficient
Number
Normalized
Coefficient
Decimal
Coefficient (15-Bit)
C1, C11
0.006042
99
C2, C10
0
0
C3, C9
−0.049316
−808
C4, C8
0
0
C5, C7
0.293273
4805
C6
0.500000
8192
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 67. HB4 Filter Response
Table 20. DDC Filter Characteristics
ADC
Sample
Rate
(MSPS)
Half Band Filter
Selection
Real Output
Complex (I/Q) Output
Alias
Protected
Bandwidth
(MHz)
Ideal SNR
Improve-
ment1 (dB)
Pass-
Band
Ripple
(dB)
Alias
Rejection
(dB)
Decima-
tion Ratio
Output
Sample Rate
(MSPS)
Decima-
tion
Ratio
Output Sample
Rate (MSPS)
500
HB1
1
500
2
250 (I) + 250 (Q)
192.5
1
<−0.001
>100
HB1 + HB2
2
250
4
125 (I) + 125 (Q)
96.3
4
HB1 + HB2 + HB3
4
125
8
62.5 (I) + 62.5 (Q)
48.1
7
HB1 + HB2 + HB3
+ HB4
8
62.5
16
31.25 (I) + 31.25 (Q)
24.1
10
1
Ideal SNR improvement due to oversampling and filtering = 10log(bandwidth/(fS/2)).
Table 21. DDC Filter Alias Rejection
Alias Rejection
(dB)
Pass-Band Ripple/Cutoff
Point (dB)
Alias Protected Bandwidth for Real
(I) Outputs1
Alias Protected Bandwidth for Complex
(I/Q) Outputs
>100
<−0.001
<38.5% × fOUT
<77% × fOUT
90
<−0.001
<38.7% × fOUT
<77.4% × fOUT
85
<−0.001
<38.9% × fOUT
<77.8% × fOUT
63.3
<−0.006
<40% × fOUT
<80% × fOUT
25
−0.5
44.4% × fOUT
88.8% × fOUT
19.3
−1.0
45.6% × fOUT
91.2% × fOUT
10.7
−3.0
48% × fOUT
96% × fOUT
1
fOUT = ADC input sample rate ÷ DDC decimation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com