Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 80 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 80 Page - Analog Devices

Back Button AD6679 Datasheet HTML 74Page - Analog Devices AD6679 Datasheet HTML 75Page - Analog Devices AD6679 Datasheet HTML 76Page - Analog Devices AD6679 Datasheet HTML 77Page - Analog Devices AD6679 Datasheet HTML 78Page - Analog Devices AD6679 Datasheet HTML 79Page - Analog Devices AD6679 Datasheet HTML 80Page - Analog Devices AD6679 Datasheet HTML 81Page - Analog Devices AD6679 Datasheet HTML 82Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 79 of 81
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Notes
0x568
Output mode
0
0
Frame clock mode (only
used when in output
data mode is in byte
mode)
00 = frame clock always
off
01 = frame clock always
on
10 = reserved
11 = frame clock
conditionally on based
on PN23 sequence
0
Output data mode
000 = parallel interleaved mode
(one virtual converter)
001 = parallel interleaved mode
(two virtual converters)
010 = channel multiplexed
(even/odd) mode
(one virtual converter)
011 = channel multiplexed
(even/odd) mode
(two virtual converters)
100 = byte mode
(one virtual converter)
101 = byte mode
(two virtual converters)
110 = byte mode
(four virtual converters)
111 = byte mode
(eight virtual converters)
0x569
DCO output delay
0
0
0
0
0
0
DCO clock delay
00 = 0°
01 = 90° (available
when DCO rate is less
than sample clock
rate)
10 = 180°
11 = 270° (available
when DCO rate is less
than sample clock
rate)
0x01
0x56A
Output adjust
0
1
0
0
LVDS output drive current adjust
000 = 2 mA
001 = 2.25 mA
010 = 2.5 mA
011 = 2.75 mA
100 = 3.0 mA
101 = 3.25 mA
110 = 3.5 mA (default)
111 = 3.75 mA
0
0x4C
0x56B
Output slew rate
adjust
0
0
0
0
0
0
Output slew rate
control
00 = 80 ps
01 = 150 ps
10 = 200 ps
11 = 250 ps
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com