Electronic Components Datasheet Search
  English  ▼

X  

AD6679 Datasheet(PDF) 58 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 58 Page - Analog Devices

Back Button AD6679 Datasheet HTML 54Page - Analog Devices AD6679 Datasheet HTML 55Page - Analog Devices AD6679 Datasheet HTML 56Page - Analog Devices AD6679 Datasheet HTML 57Page - Analog Devices AD6679 Datasheet HTML 58Page - Analog Devices AD6679 Datasheet HTML 59Page - Analog Devices AD6679 Datasheet HTML 60Page - Analog Devices AD6679 Datasheet HTML 61Page - Analog Devices AD6679 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 57 of 81
of the band can be tuned such that IFs can be placed anywhere
in the Nyquist band. The NSR feature is enabled by default on
the AD6679. The bandwidth and mode of the NSR operation
are selected by setting the appropriate bits in Register 0x420 and
Register 0x422. By selecting the appropriate profile and mode
bits in these two registers, the NSR feature can be enabled for
the desired mode of operation.
21% BW Mode (>100 MHz at 491.52 MSPS)
The first NSR mode offers excellent noise performance across a
bandwidth that is 21% of the ADC output sample rate (42% of
the Nyquist band) and can be centered by setting the NSR mode
bits in the NSR mode register (Address 0x420) to 000. In this
mode, the useful frequency range can be set using the 6-bit
tuning word in the NSR tuning register (Address 0x422). There
are 59 possible tuning words (TW), from 0 to 58; each step is
0.5% of the ADC sample rate. The following three equations
describe the left band edge (f0), the channel center (fCENTER), and
the right band edge (f1), respectively:
f0 = fADC × 0.005 × TW
fCENTER = f0 + 0.105 × fADC
f1 = f0 + 0.21 × fADC
Figure 74 to Figure 76 show the typical spectrum that can be
expected from the AD6679 in the 21% BW mode for three
different tuning words.
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 75.2dBFS
ENOB = 11.6 BITS
SFDR = 87dBFS
BUFFER CONTROL 1 = 2.0×
Figure 74. 21% BW Mode, Tuning Word = 0
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 75.0dBFS
ENOB = 11.6 BITS
SFDR = 85dBFS
BUFFER CONTROL 1 = 2.0×
Figure 75. 21% BW Mode, Tuning Word = 26 (fS/4 Tuning)
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
150
175
200
225
250
FREQUENCY (MHz)
AIN = −1dBFS
SNR = 74.9dBFS
ENOB = 11.6 BITS
SFDR = 90dBFS
BUFFER CONTROL 1 = 2.0×
Figure 76. 21% BW Mode, Tuning Word = 58
28% BW Mode (>130 MHz at 491.52 MSPS)
The second NSR mode offers excellent noise performance
across a bandwidth that is 28% of the ADC output sample rate
(56% of the Nyquist band) and can be centered by setting the
NSR mode bits in the NSR mode register (Address 0x420) to
001. In this mode, the useful frequency range can be set using
the 6-bit tuning word in the NSR tuning register (Address 0x422).
There are 44 possible tuning words (TW, from 0 to 43); each step is
0.5% of the ADC sample rate. The following three equations
describe the left band edge (f0), the channel center (fCENTER), and
the right band edge (f1), respectively:
f0 = fADC × 0.005 × TW
fCENTER = f0 + 0.14 × fADC
f1 = f0 + 0.28 × fADC
Figure 77 to Figure 79 show the typical spectrum that can be
expected from the AD6679 in the 28% BW mode for three
different tuning words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com