| Electronic Components Datasheet Search |
|
AD9863 Datasheet(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9863 Datasheet(HTML) 35 Page - Analog Devices |
|
35 / 41 page ![]() AD9863 Data Sheet Rev. B | Page 34 of 40 Write Operations The SPI write operation uses the instruction header to config- ure a 1-byte or 2-byte register write using the 2/1 byte setting. The instruction byte followed by the register data is written serially into the device through the SDIO pin on rising edges of the interface clock, SCLK. The data can be transferred MSB first or LSB first, depending on the setting of the LSB-first register bit. The write operation is the same, regardless of SDIO BiDir register setting. Figure 52 to Figure 54 are examples of writing data into the device. Figure 52 shows a 1-byte write in MSB-first mode; Figure 53 shows a 2-byte write in MSB-first mode; and Figure 54 shows a 2-byte write in LSB-first mode. Note the differences between LSB- and MSB-first modes: both the instruction header and data are reversed, and the second data byte register location is different. In the default MSB-first mode, the second data byte is written to a decremented register address. In LSB-first mode, the second data byte is written to an incremented register address. INSTRUCTION HEADER REGISTER DATA tS tDS tDH tHI tLO tCLK tH DON'T CARE DON'T CARE 2/1 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 DON'T CARE DON'T CARE SEN SCLK SDIO R/W Figure 52. 1-Byte Serial Register Write in MSB-First Mode tH tS tDS tDH tHI tLO tCLK SEN SCLK SDIO DON'T CARE DON'T CARE A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 R/W 2/1 DON'T CARE DON'T CARE INSTRUCTION HEADER (REGISTER N) REGISTER (N) DATA REGISTER (N–1) DATA Figure 53. 2-Byte Serial Register Write in MS-First Mode tH tS tDS tDH tHI tLO tCLK SEN SCLK SDIO DON'T CARE DON'T CARE DON'T CARE DON'T CARE INSTRUCTION HEADER (REGISTER N) REGISTER (N) DATA REGISTER (N+1) DATA A0 A1 A2 A3 A4 A5 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 R/W 2/1 Figure 54. 2-Byte Serial Register Write in LSB-First Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |