Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9863
Description  Transceiver for Broadband Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9863 Datasheet HTML 15Page - Analog Devices AD9863 Datasheet HTML 16Page - Analog Devices AD9863 Datasheet HTML 17Page - Analog Devices AD9863 Datasheet HTML 18Page - Analog Devices AD9863 Datasheet HTML 19Page - Analog Devices AD9863 Datasheet HTML 20Page - Analog Devices AD9863 Datasheet HTML 21Page - Analog Devices AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AD9863
Data Sheet
Rev. B | Page 18 of 40
THEORY OF OPERATION
SYSTEM BLOCK
The AD9863 is targeted to cover the mixed-signal front end needs
of multiple wireless communications systems. It features a receive
path that consists of dual 12-bit receive ADCs and a transmit path
that consists of dual 12-bit transmit DACs (TxDAC). The AD9863
integrates additional functionality typically required in most
systems, such as power scalability, Tx gain control, and clock
multiplication circuitry.
The AD9863 minimizes both size and power consumption to
address the needs of a range of applications from the low power
portable market to the high performance base station market.
The part is provided in a 64-lead lead frame chip scale package
(LFCSP) that has a footprint of only 9 mm × 9 mm. Power
consumption can be optimized to suit the particular application
beyond just a speed grade option by incorporating power-down
controls, low power ADC modes, TxDAC power scaling, and a
half-duplex mode, which automatically disables the unused
digital path.
The AD9863 uses two 12-bit buses to transfer Rx path data and
Tx path data. These two buses support 24-bit parallel data
transfers or 12-bit interleaved data transfers. The bus is
configurable through either external mode pins or internal
registers settings. The registers allow many more options for
configuring the entire device.
The following sections discuss the various blocks of the AD9863:
Rx Path Block, Tx Path Block, Digital Block, Programmable
Registers, and Clock Distribution Block.
Rx PATH BLOCK
Rx Path General Description
The AD9863 Rx path consists of two 12-bit, 50 MSPS analog-to-
digital converters (ADCs). The dual ADC paths share the same
clocking and reference circuitry to provide optimal matching
characteristics. Each of the ADCs consists of a 9-stage differential
pipelined switched capacitor architecture with output error
correction logic.
The pipelined architecture permits the first stage to operate on a
new input sample, while the remaining stages operate on preceding
samples. Sampling occurs on the falling edge of the input clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC and a residual multiplier to drive the next
stage of the pipeline. The residual multiplier uses the flash ADC
output to control a switched capacitor digital-to-analog converter
(DAC) of the same resolution. The DAC output is subtracted from
the stage’s input signal, and the residual is amplified (multiplied) to
drive the next pipeline stage. The residual multiplier stage is also
called a multiplying DAC (MDAC). One bit of redundancy is used
in each stage to facilitate digital correction of flash errors. The last
stage simply consists of a flash ADC.
The differential input stage is dc self-biased and allows
differential or single-ended inputs. The output-staging block
aligns the data, carries out the error correction, and passes the
data to the output buffers.
The latency of the Rx path is about 5 clock cycles.
Rx Path Analog Input Equivalent Circuit
The Rx path analog inputs of the AD9863 incorporate a novel
structure that merges the function of the input sample-and-hold
amplifiers (SHAs) and the first pipeline residue amplifiers into a
single, compact switched capacitor circuit. By eliminating one
amplifier in the pipeline, this structure achieves considerable
noise and power savings over a conventional implementation
that uses separate amplifiers.
Figure 46 illustrates the equivalent analog inputs of the AD9863
(a switched capacitor input). Bringing CLK to logic high opens
Switch S3 and closes Switch S1 and Switch S2; this is the sample
mode of the input circuit. The input source connected to VIN+
and VIN− must charge capacitor CH during this time. Bringing
CLK to a logic low opens Switch S2, and then Switch S1 opens,
followed by the closing of Switch S3. This puts the input circuit
into hold mode.
VIN+
RIN
VCM
CIN
CH
S1
S3
S2
CH
CIN
RIN
VIN–
+
–
Figure 46. Differential Input Architecture
The structure of the input SHA places certain requirements on
the input drive source. The differential input resistors are
typically 2 kΩ each. The combination of the pin capacitance,
CIN, and the hold capacitance, CH, is typically less than 5 pF. The
input source must be able to charge or discharge this capaci-
tance to 12-bit accuracy in one-half of a clock cycle. When the
SHA goes into sample mode, the input source must charge or
discharge capacitor CH from the voltage already stored on it to
the new voltage. In the worst case, a full-scale voltage step on
the input source must provide the charging current through the
RON of Switch S1 (typically 100 Ω) to a settled voltage within
one-half of the ADC sample period. This situation corresponds
to driving a low input impedance. On the other hand, when the
source voltage equals the value previously stored on CH, the
hold capacitor requires no input current and the equivalent
input impedance is extremely high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com