Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9863
Description  Transceiver for Broadband Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9863 Datasheet HTML 18Page - Analog Devices AD9863 Datasheet HTML 19Page - Analog Devices AD9863 Datasheet HTML 20Page - Analog Devices AD9863 Datasheet HTML 21Page - Analog Devices AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Data Sheet
AD9863
Rev. B | Page 21 of 40
By using the dual DAC outputs to form a complex signal, an
external analog quadrature modulator, such as the Analog
Devices AD8349, can enable an image rejection architecture.
(Note: the AD9863 evaluation board includes a quadrature
modulator in the Tx path that accommodates the AD8345,
AD8346, and AD8349 footprints.)
To optimize the image rejection capability as well as LO
feedthrough suppression in this architecture, the AD9863 offers
programmable (via the SPI port), fine (trim) gain and offset
adjustment for each DAC.
Also included in the AD9863 are a phase-locked loop (PLL)
clock multiplier and a 1.2 V band gap voltage reference. With
the PLL enabled, a clock applied to the CLKIN2 input is
multiplied internally and generates all necessary internal
synchronization clocks. Each 12-bit DAC provides two
complementary current outputs whose full-scale currents can
be determined from a single external resistor.
An external pin, TxPWRDWN, can be used to power down the
Tx path when not in use, optimizing system power consumption.
Using the TxPWRDWN pin disables clocks and some analog
circuitry, saving both digital and analog power. The power-
down mode leaves the biases enabled to facilitate a quick recov-
ery time, typically <10 µs. In addition, a sleep mode is available
that turns off the DAC output current but leaves all other
circuits active for a modest power savings. An SPI-compliant
serial port is used to program the many features of the AD9863.
Note that in power-down mode, the SPI port is still active.
DAC Equivalent Circuits
The AD9863 Tx path, consisting of dual 12-bit DACs, is shown in
Figure 50. The DACs integrate a high performance TxDAC core, a
programmable gain control through a programmable gain
amplifier (TxPGA), coarse gain control, and offset adjustment and
fine gain control to compensate for system mismatches. Coarse
gain applies a gross scaling to either DAC by 1×, (1/2)×, or (1/11)×.
The TxPGA provides gain control from 0 dB to –20 dB in steps of
0.1 dB and is controlled via the 8-bit TxPGA setting. A fine gain
adjustment of ±4% for each channel is controlled through a 6-
bit fine gain register. By default, coarse gain is 1×, the TxPGA is
set to 0 dB, and the fine gain is set to 0%.
The TxDAC core of the AD9863 provides dual, differential,
complementary current outputs generated from the 12-bit data.
The 12-bit dual DACs support update rates up to 200 MSPS.
The differential outputs (IOUT+ and IOUT–) of each dual DAC
are complementary, meaning that they always add up to the
full-scale current output of the DAC, IOUTFS. Optimum ac
performance is achieved when the differential current interface
drives balanced loads or a transformer.
REFERENCE
BIAS
IOUT+A
PGA
IOUT–A
+
+
+
+
TxDAC
OFFSET
DAC
IOUT+B
PGA
IOUT–B
+
+
+
+
TxDAC
OFFSET
DAC
Figure 50. TxDAC Output Structure Block Diagram
The fine gain control provides improved balance of QAM
modulated signals, resulting in improved modulation accuracy
and image rejection.
The independent DAC A and DAC B offset control adds a small
dc current to either IOUT+ or IOUT– (not both). The selection
of which IOUT this offset current is directed toward is
programmable via register setting. Offset control can be used
for suppression of a LO leakage signal that typically results at
the output of the modulator.
If the AD9863 is dc-coupled to an external modulator, this
feature can be used to cancel the output offset on the AD9863 as
well as the input offset on the modulator. The reference
circuitry is shown in Figure 51.
DAC A AND DAC B
REFERENCE BIASES
FSADJ
REFIO
0.1
µF
RSET ≥ 4kΩ
CURRENT
SOURCE ARRAY
IOUTFSMAX
IREF
1.2V
REFERENCE
Figure 51. Reference Circuitry
Referring to the transfer function of the following equation,
IOUTFSMAX is the maximum current output of the DAC with the
default gain setting (0 dB) and is based on a reference current,
IREF. IREF is set by the internal 1.2 V reference and the external
RSET resistor.
IOUTFSMAX = 64 × (REFIO/RSET)
Typically, RSET is 4 kΩ, which sets IOUTFSMAX to 20 mA, the
optimal dynamic setting for the TxDACs. Increasing RSET by a
factor of 2 proportionally decreases IOUTFSMAX by a factor of 2.
IOUTFSMAX of each DAC can be rescaled either simultaneously,
using the TxPGA gain register, or independently, using the
DAC A/DAC B coarse gain registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com