Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9863
Description  Transceiver for Broadband Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9863 Datasheet HTML 20Page - Analog Devices AD9863 Datasheet HTML 21Page - Analog Devices AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices AD9863 Datasheet HTML 27Page - Analog Devices AD9863 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Data Sheet
AD9863
Rev. B | Page 23 of 40
The flat pass-band response (less than 0.1 dB attenuation) is 38% of
the Tx input data rate (9.5% of fDAC). The maximum input data rate
per channel is 50 MSPS per channel when using 4× interpolation.
Latch/Demultiplexer
Data for the dual-channel Tx path can be latched in parallel
through two ports in half-duplex operations (HD24 mode) or
through a single port by interleaving the data (FD, HD12, and clone
modes). See the Flexible I/O Interface Options section in the
Digital Block description that follows and the Clock Distribution
Block section for further descriptions of each mode.
DIGITAL BLOCK
The AD9863 digital block allows the device to be configured
in various timing and operation modes. The following sec-
tions discuss the flexible I/O interfaces, the clock distribution
block, and the programming of the device through mode pins
or SPI registers.
Flexible I/O Interface Options
The AD9863 can accommodate various data interface transfer
options (flexible I/O). The AD9863 uses two 12-bit buses, an
upper bus (U12) and a lower bus (L12), to transfer the dual-
channel 12-bit ADC data and dual-channel 12-bit DAC data by
means of interleaved data, parallel data, or a mix of both. Table 10
shows the different I/O configurations of the modes depending
on half-duplex or full-duplex operation. Table 11 and Table 12
summarize the pin configurations vs. the modes.
Table 10. Flexible Data Interface Modes
Mode
Name
Tx Only Mode (Half-Duplex)
Rx Only Mode (Half-Duplex)
Concurrent Tx + Rx Mode
(Full-Duplex)
General Notes
HD24
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A DATA
03604-0-078
L[0:11]
Tx_B DATA
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
L[0:11]
DIGITAL
BACK
END
AD9863
Rx_A DATA
03604-0-082
Rx_B DATA
U[0:11]
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
N/A
Rx data rate
= 1 × ADC sample rate
Two 12-bit parallel Rx data
buses
Tx data rate
= 1 × ADC sample rate
Two 12-bit parallel Tx data
buses
HD12
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A/B DATA
03604-0-079
L[11]
TxSYNC
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
U[11]
DIGITAL
BACK
END
AD9863
RxSYNC
03604-0-083
Rx_A/B DATA
L[0:11]
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
N/A
Rx data rate
= 2 × ADC sample rate
One 12-bit interleaved Rx
data bus
Tx data rate
= 2 × ADC sample rate
One 12-bit interleaved Tx
data bus
FD
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A/B DATA
03604-0-080
L[0:11]
IFACE1
TxSYNC
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
U[0:11]
DIGITAL
BACK
END
AD9863
03604-0-084
Rx_A/B DATA
L[0:11]
IFACE1
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A/B DATA
03604-0-086
Rx_A/B DATA
L[0:11]
IFACE1
TxSYNC
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
Rx data rate
= 2 × ADC sample rate
One 12-bit interleaved Rx
data bus
Tx data rate
= 2 × ADC sample rate
One 12-bit interleaved Tx
data bus
Clone
U[0:11]
DIGITAL
BACK
END
AD9863
Tx_A/B DATA
03604-0-081
TxSYNC
L[11]
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
U[0:11]
DIGITAL
BACK
END
AD9863
Rx_A DATA
03604-0-085
Rx_B DATA
L[0:11]
IFACE1
Tx/Rx
IFACE2
OUTPUT CLOCK
IFACE3
OUTPUT CLOCK
N/A
Rx data rate
= 1 × ADC sample rate
Two 12-bit parallel Rx data
buses
Tx data rate
= 2 × ADC sample rate
One 12-bit interleaved Tx
data bus
Requires SPI interface to
configure; similar to AD9862
data interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com